Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32024 Datasheet(PDF) 1 Page - Wiha Tools

Part # 32024
Description  Insulated 1/2” Drive Inch Sockets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32024 Datasheet(HTML) 1 Page - Wiha Tools

  32024 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7
www.wihatools.com • USA | www.wihatools.ca • CANADA
Insulated 1/2” Drive Inch Sockets
Item No. Description
Case Pack
31703
5/16”
3
31704
11/32”
3
31705
3/8”
3
31707
7/16”
3
31708
1/2”
3
31709
9/16”
3
31710
5/8”
3
31712
11/16”
3
31713
3/4”
3
31714
13/16”
3
31715
7/8”
3
31716
15/16
3
31718
1”
3
31720
1-1/2”
3
31722
1-1/4”
3
24 Pc. Insulated 1/2” Drive Inch Socket Set
Item No. Description
Case Pack
31790
Ins. 1/2” Drive Socket Set
1
3/8, 7/16, 1/2, 9/16, 5/8, 11/16, 3/4, 13/16, 7/8, 15/16, 1”
125mm & 250mm Extension Bars - 1/2” Drive
260mm Ratchet - 1/2” Drive
50mm Insulated Electrician’s Knife
Slotted: 3.5, 4.5, 6.5mm & Phillips: #1, 2, 3
6.3” Long Nose Pliers, 8.0” Combo Pliers &
6.3” Diagonal Cutters
1/2” Drive
14 Pc. Insulated 1/2” Drive Inch Socket Set
Item No. Description
Case Pack
31792
Ins. 1/2” Dr. Socket Set
1
Inch: 3/8, 7/16, 1/2, 9/16, 5/8, 11/16, 3/4, 13/16,
7/8, 15/16, 1”
1/2” Drive Insulated Ratchet - 72 Tooth
125mm & 250mm Extension Bar
1/2” Drive
22 Pc. Insulated 1/2” Drive Socket Set
Item No. Description
Case Pack
31793
Ins. 1/2” Dr. Socket Set
1
Metric: 8, 9, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19,
20, 21, 22, 23, 24, 26, 27, 28, 30, 32mm
15 Pc. Insulated 1/2” Drive Socket Set
Item No. Description
Case Pack
31796
Ins. 1/2 Dr. Socket Set
1
Inch: 5/16, 11/32, 3/8, 7/16, 1/2, 9/16, 5/8, 11/16,
3/4, 13/16, 7/8, 15/16, 1, 1-1/8, 1-1/4”
Insulated 3/8” Drive Inch Hex Bit Sockets
Item No. Description
Case Pack
31805
3/16 x 3.1”
3
31807
7/32 x 3.1”
3
31809
1/4 x 3.1”
3
31811
5/16 x 3.1”
3
31813
3/8 x 3.1”
3
31815
7/16 x 3.1”
3
31817
1/2 x 3.1”
3
Insulated 1/2” Drive Inch Hex Bit Sockets
Item No. Description
Case Pack
31830
1/4” x 2.75”
3
31832
5/16” x 2.75”
3
31834
3/8” x 2.75
3
31836
7/16” x 2.75
3
31838
1/2” x 2.75”
3
31840
9/16” x 2.75”
3
31842
5/8” x 2.75”
3
31844
3/4” x 2.75”
3
7 Pc. Insulated Inch Hex Bit 3/8” Socket Set
Item No. Description
Case Pack
31890
3/8” Drive Hex Bit Socket Set
1
3/16, 7/32, 1/4, 5/16, 3/8, 7/16, 1/2”
Insulated Slotted Cushion Grip Screwdrivers
Item No. Description
Case Pack
32005
2.0 x 60mm
10
32010
2.5 x 75mm
10
32012
3.0 x 100mm
10
32015
3.5 x 100mm
10
32017
4.0 x 100mm
10
32023
4.5 x 100mm
10
32024
4.5 x 125mm
10
32025
4.5 x 175mm
10
32026
5.5 x 175mm
10
32027
4.5 x 150mm
10
32031
5.5 x 125mm
10
32034
6.0 x 150mm
10
32039
6.5 x 150mm
10
32042
8.0 x 175mm
10
32045
10.0 x 200mm
10
Insulated PicoFinish Slotted Precision Drivers
Item No. Description
Case Pack
32000
1.5 x 40mm
3
32001
2.0 x 40mm
3
32002
2.5 x 60mm
3
32003
3.0 x 60mm
3
32004
3.5 x 60mm
3
Insulated SlimLine Slotted Cushion Grip Driver
Item No. Description
Case Pack
32046
3.5 x 100mm
3
32049
4.0 x 100mm
3
32052
4.5 x 125mm
3
32055
5.5 x 125mm
3
32058
6.5 x 150mm
3
SlimLine
30 Pc. Insulated SlimLine Counter Display
Item No. Description
Case Pack
32079
Insulated Slim Counter Rack
1
6 of each Slotted: 3.5, 4.5, 5.5mm
6 of each Phillips: #1, 2
SlimLine
10 Pc. Insulated Screwdriver Tray Set
Item No. Description
Case Pack
32080
Insulated SoftFinish® Drivers
1
Slotted: 3.5, 4.5, 4.5, 5.5, 6.5mm
Phillips: #1, 2, 3 & Square: #1, 2
5 Pc. Insulated Screwdriver Tray Set
Item No. Description
Case Pack
32081
Insulated SoftFinish® Drivers
1
Slotted: 4.5, 5.5, 6.5mm & Phillips: #1, 2
5 Pc. Insulated Slotted & Phillips Set
Item No. Description
Case Pack
32084
Insulated Screwdriver Set
3
Slotted: 3.5, 4.5, 6.5mm & Phillips: #1, 2
5 Pc. Insulated Slotted/Phillips/Square Set
Item No. Description
Case Pack
32083
Insulated Screwdriver Set
3
Slotted: 3.5mm, Phillips: #1, 2 & Square: #1, 2
5 Pc. Insulated PicoFinish Precision Driver Set
Item No. Description
Case Pack
32085
Insulated Prec. Driver Set
3
Slotted: 1.5, 2.5, 3.5mm
Phillips: #0, 1
7 Pc. Insulated Tool Set
Item No. Description
Case Pack
32087
Insulated Screwdriver Set
3
Slotted: 4.0, 5.5, 6.5mm & Phillips: #1, 2
Square: #2 & Single Pole Voltage Detector
7 Pc. Insulated Slotted/Phillips Pliers Set
Item No. Description
Case Pack
32086
Insulated Tool Set
3
Slotted: 3.0, 4.0mm
Phillips: #0, 1, 2 & Square: #2
8.0”/200mm Insulated Long Nose Pliers With Cutters
8 Pc. Insulated PicoFinish Precision Driver Set
Item No. Description
Case Pack
32088
Insulated Prec. Driver Set
3
Slotted: 1.5, 2.0, 2.5, 3.0, 3.5mm
Phillips: #00, 0, 1
9 Pc. Insulated Slot/Ph/Terminal Xeno Set
Item No. Description
Case Pack
32089
Ins. Screwdriver Set
1
Slotted: 3.5, 4.0, 4.5, 4.5, 5.5mm & Phillips: #1, 2
Xeno: #2 & Single-Pole Voltage Detector
In Carry Case
4 Pc. Insulated Slotted & Phillips Set
Item No. Description
Case Pack
32090
Insulated Screwdriver Set
3
Slotted: 3.5, 4.5mm & Phillips: #1, 2
5 Pc. Insulated Slotted & Phillips Set
Item No. Description
Case Pack
32091
Insulated Screwdriver Set
3
Slotted: 3.0, 4.5, 6.5mm & Phillips: #1, 2
Small - 11” x 7.75” x 1.25”
Medium - 15.5” x 11” x 1.25”


Similar Part No. - 32024

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
32024 WIHA-32024 Datasheet
6Mb / 44P
Professional Insulated Tools
logo
List of Unclassifed Man...
320240 ETC-320240 Datasheet
34Kb / 1P
Chip On Glass technology
320240-C57 ETC2-320240-C57 Datasheet
526Kb / 16P
320 x 240 Dot CSTN Color Graphic LCD Assembly With Row and Column Drivers CCFL Lit Backlight Assembly
320240-C57-M-ET-CFL-12-TS ETC2-320240-C57-M-ET-CFL-12-TS Datasheet
526Kb / 16P
320 x 240 Dot CSTN Color Graphic LCD Assembly With Row and Column Drivers CCFL Lit Backlight Assembly
320240-C57-M-ET-CFL-6-TS ETC2-320240-C57-M-ET-CFL-6-TS Datasheet
526Kb / 16P
320 x 240 Dot CSTN Color Graphic LCD Assembly With Row and Column Drivers CCFL Lit Backlight Assembly
More results

Similar Description - 32024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31-328 ETC2-31-328 Datasheet
259Kb / 1P
Wiha Insulated 1/4 Sockets & Sets
logo
Schurter Inc.
4831.2230 SCHURTER-4831.2230_21 Datasheet
285Kb / 2P
, PCB terminals, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4833.3200 SCHURTER-4833.3200 Datasheet
229Kb / 2P
, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 6.3 mm
4833.1220 SCHURTER-4833.1220 Datasheet
226Kb / 2P
, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 6.3 mm
4832.2230 SCHURTER-4832.2230_V01 Datasheet
282Kb / 2P
, PCB terminals, insulated, 2-pole, Audio Plug/Sockets, 3.5 mm
4831.3200 SCHURTER-4831.3200_V01 Datasheet
286Kb / 2P
, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4832.1211 SCHURTER-4832.1211_V01 Datasheet
233Kb / 2P
, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 3.5 mm
4831.2230 SCHURTER-4831.2230_V01 Datasheet
285Kb / 2P
, PCB terminals, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
04.01.2022
4832.1211 SCHURTER-4832.1211_V02 Datasheet
232Kb / 2P
, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 3.5 mm
04.01.2022
4832.2230 SCHURTER-4832.2230_V02 Datasheet
281Kb / 2P
, PCB terminals, insulated, 2-pole, Audio Plug/Sockets, 3.5 mm
04.01.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com