Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBS16005 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS16005
Description  160MHz IF SAW Filter 4MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS16005 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS16005 Datasheet HTML 1Page - SIPAT Co,Ltd LBS16005 Datasheet HTML 2Page - SIPAT Co,Ltd LBS16005 Datasheet HTML 3Page - SIPAT Co,Ltd LBS16005 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS16005
Rev. Date
2007-06-29
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
160MHz IF SAW Filter
4MHz Bandwidth
Part Number: LBS16005
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
159.9
160
160.1
Insertion Loss
dB
-
24.7
28
1 dB Bandwidth
MHz
3.84
3.91
-
3 dB Bandwidth
MHz
4.1
4.13
-
40 dB Bandwidth
MHz
-
4.95
5
50 dB Bandwidth
MHz
-
5.04
5.2
Passband Variation
dB
-
0.6
1
Absolute Delay
usec
-
3.58
-
Ultimate Rejection
dB
50
54
-
Material Temperature coefficient
KHz/°C
0.16
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=47nH L2=68nH
C1=C2=51pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2


Similar Part No. - LBS16005

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS16005 SIPAT-LBS16005 Datasheet
145Kb / 4P
160MHz IF SAW Filter 4MHz Bandwidth
More results

Similar Description - LBS16005

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS09021 SIPAT-LBS09021 Datasheet
146Kb / 4P
90MHz IF SAW Filter 4MHz Bandwidth
LBS16033 SIPAT-LBS16033 Datasheet
139Kb / 3P
160MHz SAW Filter 4MHz Bandwidth
LBS16042 SIPAT-LBS16042 Datasheet
139Kb / 3P
160MHz SAW Filter 4MHz Bandwidth
LBS17204 SIPAT-LBS17204 Datasheet
140Kb / 4P
172.2MHz IF SAW Filter 4MHz Bandwidth
LBS09021 SIPAT-LBS09021 Datasheet
151Kb / 4P
90MHz IF SAW Filter 4MHz Bandwidth
LBS16005 SIPAT-LBS16005 Datasheet
145Kb / 4P
160MHz IF SAW Filter 4MHz Bandwidth
LBS16033 SIPAT-LBS16033 Datasheet
145Kb / 3P
160MHz SAW Filter 4MHz Bandwidth
LBS16042 SIPAT-LBS16042 Datasheet
144Kb / 3P
160MHz SAW Filter 4MHz Bandwidth
LBS17204 SIPAT-LBS17204 Datasheet
145Kb / 4P
172.2MHz IF SAW Filter 4MHz Bandwidth
logo
Oscilent Corporation
813-IF160.0M-P OSCILENT-813-IF160.0M-P Datasheet
123Kb / 4P
160MHz IF SAW Filter 9.2MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com