Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS105M050AB2EA Datasheet(PDF) 4 Page - Kemet Corporation

Part # ESS105M050AB2EA
Description  Radial Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESS105M050AB2EA Datasheet(HTML) 4 Page - Kemet Corporation

  ESS105M050AB2EA Datasheet HTML 1Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 2Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 3Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 4Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 5Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 6Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 7Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 8Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
© KEMET Electronics Corporation • One East Broward Boulevard
A4057_ESS • 8/30/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Radial Aluminum Electrolytic Capacitors – ESS, +105°C
Compensation Factor of Ripple Current (RC) vs. Frequency
Capacitance Range (µF)
120 Hz
300 Hz
1 kHz
10 kHz
1 – 47
1.00
1.20
1.30
1.50
100 – 330
1.00
1.10
1.15
1.20
Test Method & Performance
Conditions
Load Life Test
Shelf Life Test
Temperature
105°C
105°C
Test Duration
1,000 hours
1,000 hours
Ripple Current
Maximum ripple current specified at 120 Hz 105°C
No ripple current applied
Voltage
The sum of DC voltage and the peak AC voltage
must not exceed the rated voltage of the capacitor
No voltage applied
Performance
The following specifications will be satisfied when the capacitor is restored to 20°C:
Capacitance Change
Within ±20% of the initial value
Dissipation Factor
Does not exceed 200% of the specified value
Leakage Current
Does not exceed specified value
Shelf Life
The capacitance, ESR and impedance of a capacitor will not change significantly after extended storage periods, however,
the leakage current will very slowly increase.
KEMET's E aluminum electrolytic capacitors should not be stored in high temperatures or where there is a high level of
humidity. The suitable storage condition for KEMET's E aluminum electrolytic capacitors is +5 to +35°C and less than 75%
in relative humidity. KEMET's E aluminum electrolytic capacitors should not be stored in damp conditions such as water,
saltwater spray or oil spray. KEMET's E aluminum electrolytic capacitors should not be stored in an environment full of
hazardous gas (hydrogen sulphide, sulphurous acid gas, nitrous acid, chlorine gas, ammonium, etc.) KEMET's E aluminum
electrolytic capacitors should not be stored under exposure to ozone, ultraviolet rays or radiation.
If a capacitor has been stored for more than 18 months under these conditions and it shows increased leakage current,
then a treatment by voltage application is recommended.
Re-Age (Reforming) Procedure
Apply the rated voltage to the capacitor at room temperature for a period of one hour, or until the leakage current has fallen
to a steady value below the specified limit. During re-aging a maximum charging current of twice the specified leakage
current or 5 mA, whichever is greater, is suggested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com