Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2918770 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 2918770
Description  4 or 6 Core PFA Insulated, Tin Plated Copper Screen, PRT Sensor Cable / Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2918770 Datasheet(HTML) 2 Page - Labfacility Ltd

  2918770 Datasheet HTML 1Page - Labfacility Ltd 2918770 Datasheet HTML 2Page - Labfacility Ltd 2918770 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
RTD CABLE - 68
Nov-23
Specifications
General Description
PFA insulated 7/0.2mm tin plated copper conductors, twisted cores
with nylon cord, tin plated copper braided screen with PFA insulated
outer jacket
Cable Length
10, 25m
Cable Type
PFA Teflon® construction
Core / Strands
7/0.2mm
Insulation Material
PFA Insulated
Max. Temperature
+260°C
Min. Temperature
-75°C
Number of Wires
4 or 6
Standards Met
Cores colour coded Red & White in accordance with IEC-751, black
outer jacket
Ordering Information
Type
Colour
Code
Cable Style
Strand Size
Length
Manufacturers
Code
Farnell
Order
Code
4 Core
RTD
PFA
7/0.2mm
10m (32.8ft)
WC-052-D
1289661
4 Core
RTD
PFA
7/0.2mm
100m (328.1ft)
WC-052-D
2918770
4 Core
RTD
PFA
7/0.2mm
50m (164.1ft)
WC-052-D
2918771
4 Core
RTD
PFA
7/0.2mm
25m (82ft)
WC-052-D
2918772
4 Core
RTD
PFA
7/0.2mm
5m (16.4ft)
WC-052-D
3582264
6 Core
RTD
PFA
7/0.2mm
50m (164.1ft)
WC-062-D
4073284
6 Core
RTD
PFA
7/0.2mm
25m (82ft)
WC-062-D
4073285



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com