Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7085941 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 7085941
Description  IEC Type K Glassfibre Insulated Flat Pair thermocouple Cable / Wire
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

7085941 Datasheet(HTML) 2 Page - Labfacility Ltd

  7085941 Datasheet HTML 1Page - Labfacility Ltd 7085941 Datasheet HTML 2Page - Labfacility Ltd 7085941 Datasheet HTML 3Page - Labfacility Ltd 7085941 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
TC Cable - 26
Nov-23
Specifications
General Description
Good temperature range but will not prevent
ingress of fluids. Fairly flexible but does not
provide good mechanical protection.
Cable Length
5m, 10m, 25m, 50m, 100m, 200m
Cable Type
Flat pair cable
Core / Strands
1/0.3mm / 1/0.508mm / 7/02.mm / 1/0.2mm
Conductor Cross Section 1/0.2 (mm2)
0.032
Conductor Cross Section 1/0.315 (mm2) 0.078
Conductor Cross Section 1/0.508 (mm2) 0.203
Conductor Cross Section 7/0.2 (mm2)
0.219
Outer Colour
Green & White
+ Colour
Green
- Colour
White
Drain Wire
No
Insulation Material
Glassfibre insulated
Loop Resistance 1/0.2
(Ohms per combined metre)
31.8
Loop Resistance 1/0.315
(Ohms per combined metre)
12.8
Loop Resistance 1/0.508
(Ohms per combined metre)
4.9
Loop Resistance 7/0.2
(Ohms per combined metre)
4.5
Max. Temperature
+350°C (short periods up to 400°C)
Min. Temperature
-60°C
+ Conductor
Nickel Chromium
- Conductor
Nickel Aluminium
Screen
No
Standards Met
Colour code (cores & jacket) to IEC-584-3
Thermocouple Type
K
Tolerance
Class 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com