Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WN-140-D Datasheet(PDF) 2 Page - Labfacility Ltd

Part # WN-140-D
Description  IEC Type N PTFE Insulated Twin Twisted Pair Thermocouple Cable / Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

WN-140-D Datasheet(HTML) 2 Page - Labfacility Ltd

  WN-140-D Datasheet HTML 1Page - Labfacility Ltd WN-140-D Datasheet HTML 2Page - Labfacility Ltd WN-140-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC Cable - 46
Nov-23
Specifications
General Description
Resistant to oils, acids adverse agents and fluids.
Good mechanical strength and flexibility.
Cable Length
10m, 25m, 50m, 100m
Cable Type
Twin twisted pair for extending or making simple
thermocouples
Core / Strands
7/0.2mm
Conductor Cross Section 7/0.2 (mm2)
0.219
+ Colour
Pink
- Colour
White
Drain Wire
No
Insulation Material
PTFE insulated
Loop Resistance 7/0.2
(Ohms per combined metre)
6.2
Max. Temperature
+260°C
Min. Temperature
-75°C
+ Conductor
Nicrosil
- Conductor
Nisil
Screen
No
Standards Met
Colour code (cores & jacket) to IEC-584-3
Thermocouple Type
N
Tolerance
Class 1
Ordering Information
Type Colour
Code
Cable Style
Strand Size
Length
Manufacturers
Code
Farnell
Order
Code
N
IEC
PTFE TWIN TWISTED
7/0.2mm
10m (32.8ft)
WN-140-D
4073349
N
IEC
PTFE TWIN TWISTED
7/0.2mm
25m (82ft)
WN-140-D
4073317
N
IEC
PTFE TWIN TWISTED
7/0.2mm
50m (164.1ft)
WN-140-D
4073339
N
IEC
PTFE TWIN TWISTED
7/0.2mm
100m (328.1ft)
WN-140-D
4073331



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com