Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMC31PAS-Q Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PIMC31PAS-Q
Description  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC31PAS-Q Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PIMC31PAS-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMC31PAS-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMC31PAS-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMC31PAS-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMC31PAS-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMC31PAS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMC31PAS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMC31PAS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC31PAS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Nexperia
PIMC31PAS-Q
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
GND1
GND (emitter) TR1
2
I1
input (base) TR1
3
O2
output (collector) TR2
4
GND2
GND (emitter) TR2
5
I2
input (base) TR2
6
O1
output (collector) TR1
7
O1
output (collector) TR1
8
O2
output (collector) TR2
Transparent top view
7
8
6
5
4
1
2
3
DFN2020D-6 (SOT1118D)
O1 I2
GND2
GND1
I1 O2
R2
TR1
TR2
R1
R2
R1
aaa-007379
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PIMC31PAS-Q
DFN2020D-6
plastic, leadless thermally enhanced ultra thin and small
outline package with side-wettable flanks (SWF); 6
terminals; 0.65 mm pitch; 2 mm x 2 mm x 0.65 mm body
SOT1118D
7. Marking
Table 4. Marking codes
Type number
Marking code
PIMC31PAS-Q
8E
PIMC31PAS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
31 August 2023
2 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com