Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

00102034 Datasheet(PDF) 2 Page - Lapp.

Part # 00102034
Description  ÖLFLEX® CLASSIC 100 300/500 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

00102034 Datasheet(HTML) 2 Page - Lapp.

  00102034 Datasheet HTML 1Page - Lapp. 00102034 Datasheet HTML 2Page - Lapp. 00102034 Datasheet HTML 3Page - Lapp. 00102034 Datasheet HTML 4Page - Lapp. 00102034 Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRODUCT INFORMATION
ÖLFLEX® CLASSIC 100 300/500 V
Norm references / Approvals
Based on EN 50525-2-51
Based on EN 50525-2-11
Product Make-up
Fine-wire strand made of bare copper wires
PVC insulation LAPP P8/1
Cores twisted in layers
PVC outer sheath, grey (similar RAL 7001)
Technical Data
Classification ETIM 5:
ETIM 5.0 Class-ID: EC001578
ETIM 5.0 Class-Description: Flexible cable
Classification ETIM 6:
ETIM 6.0 Class-ID: EC001578
ETIM 6.0 Class-Description: Flexible cable
Core identification code:
Up to 5 cores: colour-coded according to VDE 0293-308, refer to
Appendix T9
From 6 cores: ÖLFLEX® colour code, refer to Appendix T7
Conductor stranding:
Fine wire according to VDE 0295,
class 5/IEC 60228 class 5
Torsion movement in WTG:
TW-0 & TW-1, refer to Appendix T0
Minimum bending radius:
Occasional flexing: 15 x outer diameter
Fixed installation: 4 x outer diameter
Nominal voltage:
U0/U: 300/500 V
Test voltage:
4000 V
Protective conductor:
G = with GN-YE protective conductor
X = without protective conductor
Temperature range:
Occasional flexing: -5°C to +70°C
Fixed installation: -40°C to +80°C
Note
Unless specified otherwise, the shown product values are nominal values. Detailed values (e.g. tolerances) are available upon
request.
Copper price basis: EUR 150/100 kg. Refer to catalogue appendix T17 for the definition and calculation of copper-related
surcharges.
Please find our standard lengths at: www.lappkabel.de/en/cable-standardlengths
Packaging size: coil ≤ 30 kg or ≤ 250 m, otherwise drum
Please specify the preferred type of packaging (e.g. 1 x 500 m drum or 5 x 100 m coils).
Single lengths for sizes: ≥ 5G50 max. 500 m; ≥ 5G95 max. 400; ≥ 3G120 max. 500 m; ≥ 4G120 max. 300; ≥ 4G185 max. 250 m
Photographs and graphics are not to scale and do not represent detailed images of the respective products.
Prices are net prices without VAT and surcharges. Sale to business customers only.
Last Update (15.07.2025)
2 / 5
©2025 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com