Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMC32PA Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PIMC32PA
Description  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor;
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC32PA Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PIMC32PA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 11Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 12Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 13Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 14Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 15Page - Nexperia B.V. All rights reserved PIMC32PA Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Nexperia
PIMC32PA
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
12. Package outline
10-05-31
Dimensions in mm
0.04
max
0.65
max
0.77
0.57
(2×)
0.54
0.44
(2×)
2.1
1.9
2.1
1.9
1.1
0.9
0.3
0.2
0.65
(4×)
0.35
0.25
(6×)
4
3
1
6
Fig. 22. Package outline DFN2020-6 (SOT1118)
13. Soldering
sot1118_fr
Dimensions in mm
solder paste
solder resist
occupied area
solder lands
0.49
0.49
0.65
0.65
0.875
0.875
2.25
0.35
(6×)
0.3
(6×)
0.4
(6×)
0.45
(6×)
0.72
(2×)
0.82
(2×)
1.05
(2×)
1.15
(2×)
2.1
Fig. 23. Reflow soldering footprint for DFN2020-6 (SOT1118)
PIMC32PA
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
31 August 2023
13 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com