Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMN31PA Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PIMN31PA
Description  50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMN31PA Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PIMN31PA Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMN31PA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Nexperia
PIMN31PA
50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
[1]
-
-
348
K/W
[2]
-
-
228
K/W
[3]
-
-
246
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[4]
-
-
172
K/W
Per device
[1]
-
-
250
K/W
[2]
-
-
167
K/W
[3]
-
-
179
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[4]
-
-
125
K/W
[1] Device mounted on an FR4 PCB, single-sided, 35 µm copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided, 35μm copper, tin-plated; mounting pad for collector 1 cm2.
[3] Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[4] Device mounted on an FR4 PCB, 4-layer copper, tin-plated; mounting pad for collector 1 cm2.
aaa-037257
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0
0.01
0.02
0.75
0.50
0.33
0.20
0.10
0.05
FR4 PCB, single-sided, 35μm copper, tin-plated and standard footprint
Fig. 2. Per transistor: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
PIMN31PA
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
31 August 2023
4 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com