Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMP31PAS-Q Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PIMP31PAS-Q
Description  50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMP31PAS-Q Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PIMP31PAS-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMP31PAS-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMP31PAS-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMP31PAS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMP31PAS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMP31PAS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMP31PAS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMP31PAS-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMP31PAS-Q Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Nexperia
PIMP31PAS-Q
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
V(BR)CBO
collector-base
breakdown voltage
IC = -100 µA; IE = 0 A; Tamb = 25 °C
-50
-
-
V
V(BR)CEO
collector-emitter
breakdown voltage
IC = -10 mA; IB = 0 A; Tamb = 25 °C
-50
-
-
V
ICBO
collector-base cut-off
current
VCB = -50 V; IE = 0 A; Tamb = 25 °C
-
-
-100
nA
ICEO
collector-emitter cut-off
current
VCE = -50 V; IB = 0 A; Tamb = 25 °C
-
-
-0.5
µA
IEBO
emitter-base cut-off
current
VEB = -5 V; IC = 0 A; Tamb = 25 °C
-
-
-0.72
mA
hFE
DC current gain
VCE = -5 V; IC = -50 mA; Tamb = 25 °C
70
-
-
VCEsat
collector-emitter
saturation voltage
IC = -50 mA; IB = -2.5 mA; Tamb = 25 °C
-
-
-100
mV
VI(off)
off-state input voltage
VCE = -5 V; IC = -100 µA; Tamb = 25 °C
-0.3
-0.6
-1
V
VI(on)
on-state input voltage
VCE = -0.3 V; IC = -20 mA; Tamb = 25 °C
-0.4
-0.8
-1.4
V
R1
bias resistor 1 (input)
[1]
0.7
1
1.3
kΩ
R2/R1
bias resistor ratio
Tamb = 25 °C
[1]
9
10
11
Cc
collector capacitance
VCB = -10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
7
-
pF
fT
transition frequency
VCE = -5 V; IC = -50 mA; f = 100 MHz;
Tamb = 25 °C
[2]
-
150
-
MHz
[1] See section "Test information" for resistor calculation and test conditions.
[2] Characteristics of built-in transistor.
aaa-020325
102
10
103
hFE
1
IC (mA)
-10-1
-103
-102
-1
-10
(1)
(2)
(3)
VCE = -5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
Fig. 6. DC current gain as a function of collector
current; typical values
VCE (V)
0
-5
-4
-2
-3
-1
aaa-020326
-0.2
-0.3
-0.1
-0.4
-0.5
IC
(A)
0
IB (mA) = -3.4
-2.7
-2
-1.3
-0.6
-0.25
-0.95
-1.65
-2.35
-3.05
Tamb = 25 °C
Fig. 7. Collector current as a function of collector-
emitter voltage; typical values
PIMP31PAS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 September 2023
7 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com