Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201804 Datasheet(PDF) 2 Page - Lapp.

Part # 201804
Description  ÖLFLEX® TRAY VTC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

201804 Datasheet(HTML) 2 Page - Lapp.

  201804 Datasheet HTML 1Page - Lapp. 201804 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
59
ÖLFLEX®
Tray-Rated Cable
Recommended SKINTOP® assumes minimal OD variance. Additional configurations are available; please see our SKINTOP® section.
If not otherwise specified, all values relating to the product are nominal values. For current information go to our website.
ÖLFLEX® TRAY VTC
Part
Number
Number of
Conductors
(incl. ground)
Nominal Outer
Diameter
Copper
Weight
Approx.
Weight
SKINTOP®
Non-Metallic
PG Thread
(in)
(mm)
(lbs/mft)
(lbs/mft)
18 AWG (7 strand)
201803
3
0.286
7.3
16
46
S2111
201804
4
0.307
7.8
21
56
S2111
201805
5
0.332
8.4
26
67
S2111
201807
7
0.358
9.1
37
84
S2111
201809
9
0.411
10.4
48
106
S2113
201812
12
0.458
11.6
63
133
S2116
201818
18
0.562
14.3
95
204
S2121
201819
19
0.562
14.3
101
211
S2121
201825
25
0.636
16.2
132
267
S2121
16 AWG (7 strand)
201603
3
0.312
7.9
26
59
S2111
201604
4
0.336
8.5
34
73
S2111
201605
5
0.365
9.3
43
87
S2111
201607
7
0.394
10.0
60
112
S2113
201608
8
0.424
10.8
68
127
S2113
201609
9
0.455
11.6
77
142
S2116
201612
12
0.508
12.9
103
180
S2121
201616
16
0.593
15.1
137
249
S2121
201618
18
0.622
15.8
154
275
S2129
201619
19
0.622
15.8
162
284
S2129
201625
25
0.706
17.9
214
363
S2129
14 AWG (19 strand)
201403
3
0.344
8.7
40
78
S2111
201404
4
0.372
9.4
54
98
S2111
201405
5
0.405
10.3
67
118
S2113
201407
7
0.439
11.2
94
154
S2113
201409
9
0.509
12.9
121
197
S2121
201412
12
0.602
15.3
161
269
S2129
201418
18
0.697
17.7
242
381
S2129
201419
19
0.697
17.7
255
396
S2129
201425
25
0.794
20.2
335
508
S2129
Part
Number
Number of
Conductors
(incl. ground)
Nominal Outer
Diameter
Copper
Weight
Approx.
Weight
SKINTOP®
Non-Metallic
PG Thread
(in)
(mm)
(lbs/mft)
(lbs/mft)
12 AWG (19 strand)
201203
3
0.381
9.7
64
106
S2113
201204
4
0.413
10.5
85
110
S2113
201205
5
0.451
11.5
106
164
S2113
201207
7
0.490
12.4
149
217
S2116
201212
12
0.673
17.1
255
378
S2129
201216
16
0.743
18.9
341
488
S2129
10 AWG (19 strand)
201003
3
0.433
11.0
102
150
S2116
201004
4
0.471
12.0
136
193
S2116
201005
5
0.516
13.1
170
236
S2121
201007
7
0.594
15.1
238
333
S2129
8 AWG (19 strand)
200804
4
0.621
15.8
217
320
S2121
200805
5
0.680
17.3
271
392
S2129
6 AWG (19 strand)
200604
4
0.756
19.2
343
484
S2129
200605
5
0.871
22.1
429
629
S2129



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com