Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMP32PAS-Q Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PIMP32PAS-Q
Description  50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMP32PAS-Q Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PIMP32PAS-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMP32PAS-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMP32PAS-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMP32PAS-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMP32PAS-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMP32PAS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMP32PAS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMP32PAS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMP32PAS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
PIMP32PAS-Q
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
-50
V
VCEO
collector-emitter voltage open base
-
-50
V
VEBO
emitter-base voltage
open collector
-
-5
V
VI
input voltage
-12
5
V
IO
output current
-
-500
mA
[1]
-
360
mW
[2]
-
550
mW
[3]
-
510
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[4]
-
730
mW
Per device
Tamb ≤ 25 °C
[1]
-
500
mW
[2]
-
750
mW
[3]
-
700
mW
Ptot
total power dissipation
[4]
-
1
W
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided, 35 µm copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided, 35μm copper, tin-plated; mounting pad for collector 1 cm2.
[3] Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[4] Device mounted on an FR4 PCB, 4-layer copper, tin-plated; mounting pad for collector 1 cm2.
Tamb (°C)
-75
175
125
25
75
-25
aaa-037263
0.4
0.8
1.2
Ptot
(W)
0
(1)
(2)
(3)
(4)
(1) FR4 PCB, 4-layer copper, 1 cm2
(2) FR4 PCB, single-sided, 35μm copper, 1 cm2
(3) FR4 PCB, 4-layer copper, standard footprint
(4) FR4 PCB, single-sided, 35μm copper, standard footprint
Fig. 1. Per device: Power derating curves for DFN2020D-6 (SOT1118D)
PIMP32PAS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 September 2023
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com