Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

602003 Datasheet(PDF) 1 Page - Lapp.

Part # 602003
Description  ÖLFLEX® 190/190 CY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

602003 Datasheet(HTML) 1 Page - Lapp.

  602003 Datasheet HTML 1Page - Lapp. 602003 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
30
ÖLFLEX®
Flexible Power & Control Cable
Complete the Installation
SKINTOP®
Strain Relief
page 488
EPIC®
Connectors
page 280
Recommended Applications
Approvals
Application Advantage
Unshielded Construction
Shielded Construction
If not otherwise specified, all values relating to the product are nominal values. Photographs are not to scale and are not true representations of the products in question.
For current information go to our website.
UL/CSA PVC Cable
ÖLFLEX® 190/190 CY
Extremely Oil-Resistant Flexible Control Cable with UL MTW; Unshielded & Shielded
LAPP KABEL
ÖLFLEX® 190
LAPP KABEL
ÖLFLEX® 190 CY
Conductors: Finely stranded bare copper
Insulation: Specially formulated PVC/nylon
Jacket: Specially formulated PVC; gray
Conductors: Finely stranded bare copper
Insulation: Specially formulated PVC/nylon
Shielding: PVC inner jacket; tinned copper braid
(85% coverage)
Jacket: Specially formulated PVC; gray
ÖLFLEX® 190 is a multi-conductor cable with a highly oil-, coolant-, and
solvent-resistant PVC jacket for control and power applications in an industrial
environment. It is designed for use in all electrical equipment under dry, damp,
and wet conditions. ÖLFLEX® 190 CY is a shielded version for EMI and RFI
protection.
CNC machining centers; grinding machines; bottling equipment; conveyors;
processing equipment; assembly lines; control panels
• Extremely oil-resistant (Oil Res I & II)
• Meets NFPA 79 machinery wiring standard
• Very flexible and number-coded for easy routing and
termination
• Round jacket for optimal seal with a SKINTOP®
strain relief cable gland
Cable Attributes
page 640
OIL
OR-04
FLAME
FR-02
MOTION
FL-02
MECH.
MP-02
Technical Data
Minimum Bend Radius:
- for installation:
4 x cable diameter
- shielded:
6 x cable diameter
Temperature Range:
- for stationary use:
-40°C to +90°C
- for flexible use:
-5°C to +90°C
Nominal Voltage:
- UL MTW/CSA AWM:
600V
- UL AWM:
1000V
Test Voltage:
2000V
Conductor Stranding:
- 20 - 6 AWG:
Class 5 fine wire*
- 4 AWG and larger:
- MTW:
Class K fine wire
- AWM only:
Class 5 fine wire
* 18 AWG meets only Class 5 cross section and DC resistance
Color Code:
Black with white numbers,
plus green/yellow ground
Approvals:
UL: MTW per UL 1063
(P/Ns with * are not MTW)
AWM 2587 & 21098 (Oil)
Attributes: UL Oil Res I/II
NFPA 79
Canada: CSA AWM I/II A/B FT1
CSA C22.2 210.2
Additional: Passes Impact and Crush tests
per UL 1277 (excluding 20 AWG)
CE & RoHS
FIRE
PROTECTION


Similar Part No. - 602003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
60200 ETC2-60200 Datasheet
298Kb / 9P
60132 Circuit Breaker
logo
Presto International UK...
60200 PRESTO-60200 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Littelfuse
6020000000 LITTELFUSE-6020000000 Datasheet
648Kb / 1P
601/602 Series Shock-Safe Panel Mount Fuse Holder for 5횞20mm Fuses
Revised: 12/19/13
6020000040 LITTELFUSE-6020000040 Datasheet
648Kb / 1P
601/602 Series Shock-Safe Panel Mount Fuse Holder for 5횞20mm Fuses
Revised: 12/19/13
More results

Similar Description - 602003

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855625 TRIQUINT-855625 Datasheet
66Kb / 1P
190 MHz Bandpass Filter
855770 TRIQUINT-855770 Datasheet
506Kb / 5P
190 MHz SAW Filter
logo
Visual Communications C...
SML190CTP VCC-SML190CTP Datasheet
53Kb / 1P
CLIPLITE SML 190
logo
Vishay Siliconix
VS-FB190SA10 VISHAY-VS-FB190SA10 Datasheet
280Kb / 9P
Power MOSFET, 190 A
12-Apr-11
logo
Texas Instruments
TPS62A01EVM-190 TI-TPS62A01EVM-190 Datasheet
598Kb / 7P
TPS62A01EVM-190 and TPS62A01AEVM-190 Evaluation Modules Users Guide
NOVEMBER 2021
logo
Lapp.
1136510 LAPP-1136510 Datasheet
76Kb / 2P
ÖLFLEX® CLASSIC 115 CY BK
23.05.2018
UDB221803 LAPP-UDB221803 Datasheet
106Kb / 2P
ÖLFLEX® TRAY II & TRAY II CY
January 1, 2019
UDB281803 LAPP-UDB281803 Datasheet
105Kb / 2P
ÖLFLEX® CONTROL TM & ÖLFLEX® CONTROL TM CY
January 1, 2019
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
ÖLFLEX® 190 & 190 CY
January 1, 2019
UDB602802 LAPP-UDB602802 Datasheet
38Kb / 2P
UNITRONIC® 190
January 1, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com