Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51422-QFAB-R7 Datasheet(PDF) 5 Page - Nordic Semiconductor

Part # NRF51422-QFAB-R7
Description  Multiprotocol ANT™/Bluetooth® low energy System on Chip
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51422-QFAB-R7 Datasheet(HTML) 5 Page - Nordic Semiconductor

  NRF51422-QFAB-R7 Datasheet HTML 1Page - Nordic Semiconductor NRF51422-QFAB-R7 Datasheet HTML 2Page - Nordic Semiconductor NRF51422-QFAB-R7 Datasheet HTML 3Page - Nordic Semiconductor NRF51422-QFAB-R7 Datasheet HTML 4Page - Nordic Semiconductor NRF51422-QFAB-R7 Datasheet HTML 5Page - Nordic Semiconductor NRF51422-QFAB-R7 Datasheet HTML 6Page - Nordic Semiconductor NRF51422-QFAB-R7 Datasheet HTML 7Page - Nordic Semiconductor NRF51422-QFAB-R7 Datasheet HTML 8Page - Nordic Semiconductor NRF51422-QFAB-R7 Datasheet HTML 9Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 115 page
background image
Page 5
nRF51422 Product Specification v3.1
December 2013
2.0
This version of the document will target the nRF51422 QFAA E0 revision and the
nRF51422 CEAA B0 revision of the chip. If you are working with a previous revision of the
chip, read version 1.2 or earlier of the document.
Added content:
• Section 3.3 “Memory Protection Unit (MPU)” on page 22
• Section 4.5 “AES CCM Mode Encryption (CCM)” on page 33
• Section 4.6 “Accelerated Address Resolver (AAR)” on page 33
• Section 4.16 “Low Power Comparator (LPCOMP)” on page 35
• Section 8.5.7 “Antenna matching network requirements” on page 54
• Section 8.8 “Serial Peripheral Interface Slave (SPIS) specifications” on page 56
• Section 8.18 “AES CCM Mode Encryption (CCM) specifications” on page 62
• Section 8.19 “Accelerated Address Resolver (AAR) specifications” on page 62
• Section 8.24 “Low Power Comparator (LPCOMP) specifications” on page 65
Updated content:
• Feature list on the Front page
• Chapter 1 “Introduction” on page 9
• Section 1.1 “Required reading” on page 9
• Section 2.1 “Block diagram” on page 10
• Section 2.2 “Pin assignments and functions” on page 11
• Section 3.2 “Memory” on page 20
• Section 3.5 “Programmable Peripheral Interconnect (PPI)” on page 26
• Section 3.7 “GPIO” on page 30
• Chapter 4 “Peripheral blocks” on page 31
• Section 4.1 “2.4 GHz radio (RADIO)” on page 31
• Section 4.2 “Timer/counters (TIMER)” on page 32
• Section 4.3 “Real Time Counter (RTC)” on page 32
• Section 4.10 “Serial Peripheral Interface (SPI/SPIS)” on page 34
• Section 4.12 “Universal Asynchronous Receiver/Transmitter (UART)” on page 35
• Section 4.14 “Analog to Digital Converter (ADC)” on page 35
• Section 4.15 “GPIO Task Event blocks (GPIOTE)” on page 35
• Chapter 5 “Instance table” on page 36
• Chapter 6 “Absolute maximum ratings” on page 37
• Section 8.1.2 “16 MHz crystal oscillator (16M XOSC)” on page 40
• Section 8.1.3 “32 MHz crystal oscillator (32M XOSC)” on page 41
• Section 8.1.5 “32.768 kHz crystal oscillator (32k XOSC)” on page 42
• Section 8.2 “Power management” on page 44
• Section 8.3 “Block resource requirements” on page 48
• Section 8.5.1 “General radio characteristics” on page 49
• Section 8.5.5 “Receiver specifications” on page 52
• Section 8.5.6 “Radio timing parameters” on page 54
• Section 8.7 “Universal Asynchronous Receiver/Transmitter (UART) specifications”
on page 55
• Section 8.9 “Serial Peripheral Interface (SPI) Master specifications” on page 57
• Section 8.11 “GPIO Tasks and Events (GPIOTE) specifications” on page 59
• Section 8.13 “Timer (TIMER) specifications” on page 61
• Section 8.16 “Random Number Generator (RNG) specifications” on page 62
• Chapter 10 “Ordering information” on page 70
• Section 11.1 “PCB guidelines” on page 76
• Section 11.3 “QFAA QFN48 package” on page 79
• Section 11.7 “CEAA WLCSP package” on page 103
Date
Version
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com