Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52810-QFAA-R7 Datasheet(PDF) 83 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 83 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 79Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 83Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 84Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 85Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 86Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 87Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 483 page
background image
Power and clock management
Symbol
Description
Min.
Typ.
Max.
Units
tPOR,10ms
VDD rise time 10ms
9
ms
tPOR,60ms
VDD rise time 60ms
23
ms
tPINR
If a GPIO pin is configured as reset, the maximum time
taken to pull up the pin and release reset after power on
reset. Dependent on the pin capacitive load (C)10: t=5RC, R
= 13kOhm
tPINR,500nF
C = 500nF
32.5
ms
tPINR,10uF
C = 10uF
650
ms
tR2ON
Time from reset to ON (CPU execute)
tR2ON,NOTCONF
If reset pin not configured
tPOR
ms
tR2ON,CONF
If reset pin configured
tPOR +
tPINR
ms
tOFF2ON
Time from OFF to CPU execute
16.5
µs
tIDLE2CPU
Time from IDLE to CPU execute
3.0
µs
tEVTSET,CL1
Time from HW event to PPI event in Constant Latency
System ON mode
0.0625
µs
tEVTSET,CL0
Time from HW event to PPI event in Low Power System ON
mode
0.0625
µs
5.3.10.2 Power fail comparator
Symbol
Description
Min.
Typ.
Max.
Units
VPOF
Nominal power level warning thresholds (falling supply
voltage). Levels are configurable between Min. and Max. in
100mV increments.
1.7
2.8
V
VPOFTOL
Threshold voltage tolerance
±1
±5
%
VPOFHYST
Threshold voltage hysteresis
50
mV
VBOR,OFF
Brown out reset voltage range SYSTEM OFF mode
1.2
1.7
V
VBOR,ON
Brown out reset voltage range SYSTEM ON mode
1.48
1.7
V
5.4 CLOCK — Clock control
The clock control system can source the system clocks from a range of internal or external high and low
frequency oscillators and distribute them to modules based upon a module’s individual requirements.
Clock distribution is automated and grouped independently by module to limit current consumption in
unused branches of the clock tree.
Listed here are the main features for CLOCK:
• 64 MHz on-chip oscillator
• 64 MHz crystal oscillator, using external 32 MHz crystal
• 32.768 kHz +/-500 ppm RC oscillator
• 32.768 kHz crystal oscillator, using external 32.768 kHz crystal
• 32.768 kHz oscillator synthesized from 64 MHz oscillator
• Firmware (FW) override control of oscillator activity for low latency start up
• Automatic oscillator and clock control, and distribution for ultra-low power
10 To decrease maximum time a device could hold in reset, a strong external pullup resistor can be
used.
4430_161 v1.0
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com