Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF52811-QFAA-R7 Datasheet(PDF) 2 Page - Nordic Semiconductor

Part # NRF52811-QFAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QFAA-R7 Datasheet(HTML) 2 Page - Nordic Semiconductor

  NRF52811-QFAA-R7 Datasheet HTML 1Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 2Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 3Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 4Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 5Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 6Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 7Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 8Page - Nordic Semiconductor NRF52811-QFAA-R7 Datasheet HTML 9Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 444 page
background image
Feature list
Features:
•
Bluetooth
® 5.1, IEEE 802.15.4-2006, 2.4 GHz transceiver
•
-97 dBm sensitivity in 1 Mbps Bluetooth
® low energy mode
•
-104 dBm sensitivity in 125 kbps Bluetooth
® low energy mode (long range)
•
-20 to +4 dBm TX power, configurable in 4 dB steps
•
On-air compatible with nRF52, nRF51, nRF24L, and nRF24AP Series
•
Supported data rates:
•
Bluetooth
® 5.1: 2 Mbps, 1 Mbps, 500 kbps, and 125 kbps
•
IEEE 802.15.4-2006: 250 kbps
•
Proprietary 2.4 GHz: 2 Mbps, 1 Mbps
•
Angle-of-arrival (AoA) and angle-of-departure (AoD) direction finding using
Bluetooth
®.
•
Single-ended antenna output (on-chip balun)
•
4.6 mA peak current in TX (0 dBm)
•
4.6 mA peak current in RX
•
RSSI (1 dB resolution)
•
ARM
® Cortex®-M4 32-bit processor, 64 MHz
•
144 EEMBC CoreMark
® score running from flash memory
•
34.4 µA/MHz running CoreMark from flash memory
•
32.8 µA/MHz running CoreMark from RAM memory
•
Serial wire debug (SWD)
•
Flexible power management
•
1.7 V to 3.6 V supply voltage range
•
Fully automatic LDO and DC/DC regulator system
•
Fast wake-up using 64 MHz internal oscillator
•
0.3 µA at 3 V in System OFF mode, no RAM retention
•
0.5 µA at 3 V in System OFF mode with full 24 kB RAM retention
•
1.5 µA at 3 V in System ON mode, with full 24 kB RAM retention, wake on
RTC
•
1.4 µA at 3 V in System ON mode, no RAM retention, wake on RTC
•
192 kB flash and 24 kB RAM
•
Nordic SoftDevice ready
•
Support for concurrent multi-protocol
•
12-bit, 200 ksps ADC - 8 configurable channels with programmable
gain
•
64 level comparator
•
Temperature sensor
•
Up to 32 general purpose I/O pins
•
4-channel pulse width modulator (PWM) unit with EasyDMA
•
Digital microphone interface (PDM)
•
3x 32-bit timer with counter mode
•
2x SPI master/slave with EasyDMA
•
I2C compatible 2-wire master/slave
•
UART (CTS/RTS) with EasyDMA
•
Programmable peripheral interconnect (PPI)
•
Quadrature decoder (QDEC)
•
AES HW encryption with EasyDMA
•
2x real-time counter (RTC)
•
Single crystal operation
•
Package variants
•
QFN48 package, 6 x 6 mm
•
QFN32 package, 5 x 5 mm
•
WLCSP package, 2.482 x 2.464 mm
Applications:
•
Computer peripherals and I/O devices
•
Mouse
•
Keyboard
•
Mobile HID
•
CE remote controls
•
Network processor
•
Wearables
•
Virtual reality headsets
•
Health and medical
•
Enterprise lighting
•
Industrial
•
Commercial
•
Retail
•
Beacons
•
Connectivity device in multi-chip solutions
4454_140 v1.0
ii



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com