Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9151-LACA-R7 Datasheet(PDF) 1 Page - Nordic Semiconductor

Part # NRF9151-LACA-R7
Description  Low power cellular IoT System-in-Package with integrated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9151-LACA-R7 Datasheet(HTML) 1 Page - Nordic Semiconductor

  NRF9151-LACA-R7 Datasheet HTML 1Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
nRF9151 SiP Product Brief Version 1.2
For more information please visit: nordicsemi.com/nRF9151
Overview
The nRF9151 sets a new standard for highly integrated and compact
System-in-Package (SiP) solutions, specifically designed for cellular IoT and
DECT NR+ applications. Leveraging low power LTE technology, advanced
processing capabilities, and robust security features, the nRF9151 offers
unparalleled performance and versatility, and supports 3GPP release 14
LTE-M/NB-IoT and DECT NR+.
Compared to its predecessor (nRF9161), it boasts a significant footprint
reduction of 20% and brings additional support for Power Class 5 20 dBm.
Main Benefits

Enhanced Capabilities: The nRF9151 surpasses its predecessor with support for
Power Class 5 20 dBm output power, complementing the existing Power Class
3 23 dBm, which provides great design flexibility as it eases the requirements
for battery-powered products.

Global Connectivity and Power Efficiency: The integrated modem of the
nRF9151 enables global connectivity without regional limitations, and
include new unique modem features for further power saving and
ease of use.

Unleashing the Potential of DECT NR+: Harness the capabilities of the DECT
NR+ stack, enabling massive mesh applications that prioritize reliability, secure
connections, long range, and scalability.
Key features

US tariff-free country of origin

Fully integrated SiP with 64 MHz Arm
Cortex-M33 and multimode LTE-M/NB-IoT
modem with DECT NR+ support
and GNSS

700-2200 MHz LTE band support

Power Class 5 20 dBm

Power Class 3 23 dBm

1.9GHz NR+ band support

Certified for global operation

Dedicated programmable application
processor and memory

1 MB flash + 256 KB RAM

Arm TrustZone + Arm CryptoCell 310
Applications

Asset Tracking

Smart Metering

Smart City

Smart Agriculture

Predictive maintenance

Portable Medical Devices

Industry 4.0
nRF9151 SiP
Low power cellular IoT System-in-Package with integrated
LTE-M, NB-IoT, GNSS and DECT NR+ wireless modem


Similar Part No. - NRF9151-LACA-R7

ManufacturerPart #DatasheetDescription
logo
Nordic Semiconductor
NRF9151-SIP NORDIC-NRF9151-SIP Datasheet
537Kb / 1P
Development Kit for LTE-M/NB-IoT/NB-NTN/GNSS/DECT NR
Version 1.0
NRF9151-SMA-DK NORDIC-NRF9151-SMA-DK Datasheet
537Kb / 1P
Development Kit for LTE-M/NB-IoT/NB-NTN/GNSS/DECT NR
Version 1.0
More results

Similar Description - NRF9151-LACA-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
Cellular/PCS System Power Management IC
logo
Maxim Integrated Produc...
MAX1798 MAXIM-MAX1798 Datasheet
642Kb / 20P
CDMA Cellular/PCS System Power Supplies
19-1655; Rev 1; 2/01
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
logo
Maxim Integrated Produc...
MAX1798 MAXIM-MAX1798_10 Datasheet
277Kb / 19P
CDMA Cellular/PCS System Power Supplies
19-1655; Rev 2; 5/10
logo
ON Semiconductor
ULPMC10 ONSEMI-ULPMC10 Datasheet
159Kb / 19P
Struix System-in-Package
July, 2015 ??Rev. 4
logo
Silicon Laboratories
ZM5101 SILABS-ZM5101 Datasheet
1Mb / 47P
FULLY INTEGRATED Z-WAVE짰 WIRELESS SYSTEM-IN-PACKAGE
logo
List of Unclassifed Man...
NRF9160 ETC1-NRF9160 Datasheet
427Kb / 2P
nRF9160 cellular IoT System-in-Package
logo
Texas Instruments
CC2652PSIP TI-CC2652PSIP Datasheet
2Mb / 72P
CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
logo
Nordic Semiconductor
NRF9160 NORDIC-NRF9160_V01 Datasheet
6Mb / 400P
Cellular Modules LTE-M/NB-IoT/GPS product
4418_1315 v2.0 / 2020-09-21
logo
Advantech Co., Ltd.
IPS-M420-LFA-SG-C ADVANTECH-IPS-M420-LFA-SG-C Datasheet
251Kb / 1P
Integrated Power System and Remote Management Package
20-Sep-2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com