Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/N-TYPEM/SMAF Datasheet(PDF) 65 Page - Siretta Limited.

Part # ADAPT/N-TYPEM/SMAF
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/N-TYPEM/SMAF Datasheet(HTML) 65 Page - Siretta Limited.

Back Button ADAPT/N-TYPEM/SMAF Datasheet HTML 61Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 62Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 63Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 64Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 65Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 66Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 67Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 68Page - Siretta Limited. ADAPT/N-TYPEM/SMAF Datasheet HTML 69Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
65
RF Cables
RG58 Extension Cables
Connector A
Connector B
Cable Length
Part No
High Stock
Availability
SMA Male
SMA Female
3m
5m
ASMA300B058S13
ASMA500B058S13
ü
SMA Male
FME Female
3m
5m
ASMA300F058S13
ASMA500F058S13
ü
SMA Male
N-Type Male
3m
5m
ASMA300R058S13
ASMA500R058S13
ü
FME Male
FME Female
3m
5m
ASME300F058S13
ASME500F058S13
TNC Male
SMA Male
3m
5m
10m
ASMZG300A058S13
ASMZG500A058S13
ASMZG1000A058S13
ü
ü
TNC male
FME Female
3m
5m
ASMZG300F058S13
ASMZG500F058S13
ü



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com