Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32807 Datasheet(PDF) 20 Page - Wiha Tools

Part # 32807
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32807 Datasheet(HTML) 20 Page - Wiha Tools

Back Button 32807 Datasheet HTML 16Page - Wiha Tools 32807 Datasheet HTML 17Page - Wiha Tools 32807 Datasheet HTML 18Page - Wiha Tools 32807 Datasheet HTML 19Page - Wiha Tools 32807 Datasheet HTML 20Page - Wiha Tools 32807 Datasheet HTML 21Page - Wiha Tools 32807 Datasheet HTML 22Page - Wiha Tools 32807 Datasheet HTML 23Page - Wiha Tools 32807 Datasheet HTML 24Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
20
Insulated Xeno Slotted & Phillips
SlimLine Blades
High quality CV steel, through hardened.
SlimLine blades have up to
33% narrower insulation diameter then standard insulated tools.
Item
Slim
Max
Inch/
No.
Size
Dia.
Nm
lbs.
lbs.
Pkg.
1
4.1
3.8
33.7
.02
1
2
6.1
5.5
48.8
.02
1
Insulated
SlimLine Blades
High quality CV steel, through hardened.
SlimLine blades have up to
33% narrower insulation diameter then standard insulated tools.
Item
Slim
Max
Inch/
No.
Size
Dia.
Nm
lbs.
lbs.
Pkg.
T8
4.1
1.3
11.5
.02
1
T10
4.1
3.8
33.7
.02
1
T15
6.1
5.5
48.8
.02
1
T20
6.1
5.5
48.8
.02
1
Insulated Square
SlimLine Blades
High quality CV steel, through hardened.
SlimLine blades have up to
33% narrower insulation diameter then standard insulated tools.
Item
Slim
Max
Inch/
No.
Size
Dia.
Nm
lbs.
lbs.
Pkg.
1
4.1
3.8
33.7
.02
1
2
6.1
5.5
48.8
.02
1
Wiha Insulated
SlimLine Blades
Wiha Insulated
SlimLine Blade Sets
1000Volt
1000Volt
8 Piece Insulated
SlimLine Blade Set
High quality CV steel, through hardened.
SlimLine blades have up to
33% narrower insulation diameter then standard insulated tools.
Cushion grip handle with quick release holder to securely
lock blades. In roll up pouch
Item No.
lbs.
Slotted: 4.0, 6.5 x 90mm
.45
Phillips: #1, #2 x 90mm
Xeno: #2 x 90mm
: T15, T20 x 90mm
28301 -
SlimLine Cushion Grip Blade Holder
15 Piece Insulated
SlimLine Blade Set
High quality CV steel, through hardened.
SlimLine blades have up to
33% narrower insulation diameter then standard insulated tools.
Cushion grip handle with quick release holder to securely
lock blades. In roll up pouch
Item No.
lbs.
Slotted: 3.0, 4.0, 5.5, 6.5 x 90mm
.56
Phillips: #1, #2 x 90mm
Xeno: #1, #2 x 90mm
: T8, T10, T15, T20 x 90mm
Square: #1, #2 x 90mm
28301 -
SlimLine Cushion Grip Blade Holder
283
28327
28329
283
28339
28340
28341
28342
283
28346
28347
28391
28391
28390
28390
SHOP
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com