Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32860 Datasheet(PDF) 21 Page - Wiha Tools

Part # 32860
Description  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

32860 Datasheet(HTML) 21 Page - Wiha Tools

Back Button 32860 Datasheet HTML 17Page - Wiha Tools 32860 Datasheet HTML 18Page - Wiha Tools 32860 Datasheet HTML 19Page - Wiha Tools 32860 Datasheet HTML 20Page - Wiha Tools 32860 Datasheet HTML 21Page - Wiha Tools 32860 Datasheet HTML 22Page - Wiha Tools 32860 Datasheet HTML 23Page - Wiha Tools 32860 Datasheet HTML 24Page - Wiha Tools 32860 Datasheet HTML 25Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
Wiha Insulated
SlimLine Screwdrivers
Insulated Slotted
SlimLine Screwdrivers
Insulation According to ASTM F-1505-01, New VDE Specification
0682/part 201 and EN/IEC 60900, NFPA70E & CSA,
up to
1000 Volt. Individually Tested to 10,000Volts.
High quality CV steel, through hardened.
SlimLine blades have up to
33% narrower insulation diameter then standard insulated tools.
Wiha-SoftFinish® handle, multi-component, cushion grip.
Item
Slim
No.
mm
Inch
Inch
Dia.
mm
mm
lbs.
Pkg.
3.5
.139
9/64
3.5
100
204
.07
1
4.0
.157
5/32
4.0
100
211
.12
1
4.5
.177
3/16
4.5
125
211
.14
1
5.5
.216
7/32
5.5
125
243
.21
1
6.5
.255
1/4
6.5
150
268
.25
1
Insulated Phillips
SlimLine Screwdrivers
Insulation According to ASTM F-1505-01, New VDE Specification
0682/part 201 and EN/IEC 60900, NFPA70E & CSA,
up to
1000 Volt. Individually Tested to 10,000Volts.
High quality CV steel, through hardened.
SlimLine blades have up to
33% narrower insulation diameter then standard insulated tools.
Wiha-SoftFinish® handle, multi-component, cushion grip.
Item
Slim
No.
Size
Dia.
mm
mm
lbs.
Pkg.
1
4.5
80
204
.12
1
2
6.0
100
211
.21
1
Insulated Xeno
SlimLine Screwdrivers For Terminal Screws
Insulation According to ASTM F-1505-01, New VDE Specification
0682/part 201 and EN/IEC 60900, NFPA70E & CSA,
up to
1000 Volt. Individually Tested to 10,000Volts.
High quality CV steel, through hardened.
SlimLine blades have up to
33% narrower insulation diameter then standard insulated tools.
Wiha-SoftFinish® handle, multi-component, cushion grip.
Item
Slim
No.
Size
Dia.
mm
mm
lbs.
Pkg.
1
4.5
80
191
.12
1
2
6.0
100
218
.21
1
Insulated Square
SlimLine Screwdrivers
Insulation According to ASTM F-1505-01, New VDE Specification
0682/part 201 and EN/IEC 60900, NFPA70E & CSA,
up to
1000 Volt. Individually Tested to 10,000Volts.
High quality CV steel, through hardened.
SlimLine blades have up to
33% narrower insulation diameter then standard insulated tools.
Wiha-SoftFinish® handle, multi-component, cushion grip.
Item
Slim
No.
Size
Dia.
mm
mm
lbs.
Pkg.
1
4.0
100
218
.12
1
2
4.5
125
243
.19
1
1.4”
1.4”
1.4”
1.4”
Insulation Test Standards:
Insulation according to EN/IEC 60900,
ASTM F-1505-01, VDE 0682/part 201,
DIN 7437, NFPA70E & CSA specification
Ideal for jobs
where access
is limited
Integrated Slim
Insulation molded
directly onto blade
Wiha Slim
TECHNOLOGY
Achieves blade
diameters up to 33%
narrower utilizing
integrated insulation
1000Volt Rated
10,000 Volt Tested
320
32046
32049
32052
32055
32058
321
32145
32146
307
30746
30747
358
35844
35845
www.wihatools.com
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com