Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STC5948 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2STC5948
Description  High power NPN epitaxial planar bipolar transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STC5948 Datasheet(HTML) 3 Page - STMicroelectronics

  2STC5948 Datasheet HTML 1Page - STMicroelectronics 2STC5948 Datasheet HTML 2Page - STMicroelectronics 2STC5948 Datasheet HTML 3Page - STMicroelectronics 2STC5948 Datasheet HTML 4Page - STMicroelectronics 2STC5948 Datasheet HTML 5Page - STMicroelectronics 2STC5948 Datasheet HTML 6Page - STMicroelectronics 2STC5948 Datasheet HTML 7Page - STMicroelectronics 2STC5948 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2STC5948
Electrical characteristics
3/8
2
Electrical characteristics
(Tcase = 25 °C; unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 250 V
5µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 6 V
5µA
V(BR)CEO
(1)
1.
Pulsed duration = 300 µs, duty cycle
≤ 1.5%
Collector-emitter breakdown
voltage (IB = 0)
IC = 50 mA
250
V
V(BR)CBO
Collector-base breakdown
voltage (IE = 0)
IC = 100 µA
250
V
V(BR)EBO
(1) Emitter-base breakdown voltage
(IC = 0)
IE = 1 mA
6V
VCE(sat)
(1) Collector-emitter saturation
voltage
IC = 8 A
IB = 800 mA
3V
VBE
(1)
Base-emitter on voltage
IC = 7 A
VCE = 5 V
1.5
V
hFE
DC current gain
IC = 1 A
VCE = 5 V
IC = 7 A
VCE = 5 V
80
35
160
fT
Transition frequency
IC = 1 A
VCE = 5 V
25
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com