Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/FMEM/TNCM Datasheet(PDF) 39 Page - Siretta Limited.

Part # ADAPT/FMEM/TNCM
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/FMEM/TNCM Datasheet(HTML) 39 Page - Siretta Limited.

Back Button ADAPT/FMEM/TNCM Datasheet HTML 35Page - Siretta Limited. ADAPT/FMEM/TNCM Datasheet HTML 36Page - Siretta Limited. ADAPT/FMEM/TNCM Datasheet HTML 37Page - Siretta Limited. ADAPT/FMEM/TNCM Datasheet HTML 38Page - Siretta Limited. ADAPT/FMEM/TNCM Datasheet HTML 39Page - Siretta Limited. ADAPT/FMEM/TNCM Datasheet HTML 40Page - Siretta Limited. ADAPT/FMEM/TNCM Datasheet HTML 41Page - Siretta Limited. ADAPT/FMEM/TNCM Datasheet HTML 42Page - Siretta Limited. ADAPT/FMEM/TNCM Datasheet HTML 43Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
39
Cable length and connector as required
Frequencies
850, 900, 1575.42, 1800, 1900MHz
Operating temp
-40 to +85°C
Impedance
50 ohm
GSM Gain
GSM 2dBi,
GPS Gain
28dBi (LNA)
VSWR
<1.5
Polarization
GSM - Linear / GPS - RHCP
Size Ø
50 x 48mm
Cable
RG174
Frequencies
850, 900, 1575.42, 1800, 1900MHz
Operating temp
-40 to +85°C
Impedance
50 ohm
GSM Gain
2dBi @ 900MHz / 1dBi @ 1900MHz
Gain (LNA)
28dBi
VSWR
GSM - 2.0 / GPS - 1.5:1
Polarization
GSM - Vertical / GPS - RHCP
Size Ø
46 x 14.5mm
Cable
RG174
Tango 16 - GSM/GPS Antenna (IP67)
Tango 19 - GSM/GPS Antenna (IP67)
Frequencies
850, 900, 1575.42, 1800, 1900MHz, 2.1, 2.4Ghz
Operating temp
-40 to +85°C
Impedance
50 ohm
GSM Gain
2dBi / WiFi 0dBi
GPS Gain
28dBi (LNA)
VSWR
GSM - 2.0 / GPS - 1.5 / WiFi - 2.0
Polarization
GSM - Vertical / GPS - RHCP
Size Ø
80 x 15mm
Cable
RG174
Tango 22 - GSM/GPS/WiFi Antenna (IP67)
Cable length and connector as required
Cable length and connector as required
THROUGH HOLE
THROUGH HOLE
THROUGH HOLE
Combined GSM / GPS / WiFi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com