Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVB3 Datasheet(PDF) 1 Page - E-SWITCH

Part # PVB3
Description  PVB3 Series Anti-vandal Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVB3 Datasheet(HTML) 1 Page - E-SWITCH

  PVB3 Datasheet HTML 1Page - E-SWITCH PVB3 Datasheet HTML 2Page - E-SWITCH PVB3 Datasheet HTML 3Page - E-SWITCH PVB3 Datasheet HTML 4Page - E-SWITCH PVB3 Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.e-switch.com
800.867.2717
1
RoHS
Commercial Appliances
Security Devices
Industrial Controls
Electrical Housewares
Kiosks
Specifications
Features & Benefits
Applications / Markets
Part Number Configurator
PVB3 Series Anti-vandal Switch
Specifications subject to change without notice 11.1.2023
• 16mm panel cutout
• Ring illumination option
• Multiple LED color options
• IP65 rated
• Momentary or Latching functions
Electrical Rating: 2A, 24VDC. 0.5A, 220VAC
Mechanical Life: 1,000,000 Cycles (Momentary)
500,000 Cycles (Latching)
Electrical Life: 50,000 Cycles
Contact Resistance: 50mΩ Max.
Insulation Resistance: 1000 MΩ Min. @ 500VDC
Dielectric Strength: 1,500VAC
Operating/Storage Temperature: -25°C to 55°C
Travel: 3.0mm
Moisture Protection: IP65
Contact Arrangement: SPDT
Actuation Force: 2.5N
Panel Thickness: 1-7mm
Medical Equipment
NOTES:
*(ON) Denotes function is momentary
/
Base voltage on LEDs:
1.8V @ 20mA for Red, Yellow and Orange LED colors
2.8V @ 20mA for Blue, Green and White LED colors
PVB3
F - Flat
H - High
0 - 2A,
24VDC.
0.5A,
220VAC
S - Stainless
Steel
1 - Black
Anodized
NONE -
Silver
Series
Actuator
Options
Rating
Options
Body
Finish
Options
Contact
Material
Options
2 - Solder
Terminal
Options
B - 1P
On - (On)*
3 - 1P
On - On
Function
Options
S - Stainless
Steel
1 - Black
Anodized
Actuator
Finish
Options
NONE -
Non-
Illuminated
3 - Ring
Illumination
6 - Ring /
Power symbol
Lens
Style
Option
NONE -
Non-
Illuminated
0 - White
1 - Red
2 - Orange
3 - Green
4 - Blue
5 - Yellow
R - RGB
Common Cathode
RA - RGB
Common Anode
LED-
Color
Options
NONE -
Non-
Illuminated
1 - Base Voltage/
3 - 6V
4 - 12V
5 - 24V
6 - 125V
7 - 250V
Illumination
Voltage
Options


Similar Part No. - PVB3

ManufacturerPart #DatasheetDescription
logo
CUI INC
PVB3-D CUI-PVB3-D Datasheet
438Kb / 6P
DC-DC CONVERTER
PVB3-D CUI-PVB3-D Datasheet
982Kb / 6P
DC-DC CONVERTER
07/20/2021
PVB3-D12-D12-D CUI-PVB3-D12-D12-D Datasheet
982Kb / 6P
DC-DC CONVERTER
07/20/2021
PVB3-D12-D15-D CUI-PVB3-D12-D15-D Datasheet
982Kb / 6P
DC-DC CONVERTER
07/20/2021
PVB3-D12-D5-D CUI-PVB3-D12-D5-D Datasheet
982Kb / 6P
DC-DC CONVERTER
07/20/2021
More results

Similar Description - PVB3

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com