Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVHC4 Datasheet(PDF) 1 Page - E-SWITCH

Part # PVHC4
Description  PVHC4 Series Anti-vandal Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

PVHC4 Datasheet(HTML) 1 Page - E-SWITCH

  PVHC4 Datasheet HTML 1Page - E-SWITCH PVHC4 Datasheet HTML 2Page - E-SWITCH PVHC4 Datasheet HTML 3Page - E-SWITCH PVHC4 Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-switch.com
800.867.2717
1
Audio / Visual
Security Devices
Industrial Controls
Electrical Housewares
Kiosks
Specifications
Part Number Configurator
Features & Benefits
Applications / Markets
PVHC4 Series Anti-vandal Switch
Specifications subject to change without notice 4.17.2024
• 19mm diameter panel cutout
• LED option
• Ring or power symbol illumination available
• Multiple function options
• IP67 rated
• SPST
Electrical Rating: 20A, 250VAC
25A, 30VDC
Electrical Life: 50,000 Cycles
Contact Resistance: 100mΩ Max.
Insulation Resistance: 100MΩ @ 500VDC
Dielectric Strength: 1,500VAC
Operating/Storage Temperature: -40°C to 85°C
Travel: 3.50mm
Moisture Protection: IP67
Contact Arrangement: SPST
Actuation Force: 6 N
Panel Thickness: 1-6mm
Mounting Nut Torque: 0.6Nm
F - Flat
H - High
S -
Stainless
Steel
1 -
Black
Anodized
Series
Actuator
Options
Body
Finish
Options
Medical Equipment
2 - Solder
Lug
Terminal
Options
3 - 1P
Off-On
B - 1P
Off-(On)
Function
Options
S -
Stainless
Steel
1 -
Black
Anodized
Actuator
Finish
Options
NONE - Non-
Illuminated
3 - Ring
Illumination
6 - Ring/Power
Symbol Illumi-
nation
Lens
Style
Options
NONE- Non-
Illuminated
0 - White
1 - Red
3 - Green
4 - Blue
5 - Yellow
LED
Color
Options
NONE - Non-
Illuminated
3 - 6V
4 - 12V
5 - 24V
Illumination
Voltage
Options
NOTES:
( ) denotes function is momentary
None - Silver
Contact
Material
Options
PVHC4


Similar Part No. - PVHC4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PVH-4V151MF60E-F60 ETC2-PVH-4V151MF60E-F60 Datasheet
154Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE
logo
Multicomp Pro
PVHR-003-1025-BLK MULTICOMP-PVHR-003-1025-BLK Datasheet
189Kb / 2P
Irradiated PVC Heat Shrink Tubing
V1.0 09/04/20
PVHR-003-1100-BLK MULTICOMP-PVHR-003-1100-BLK Datasheet
189Kb / 2P
Irradiated PVC Heat Shrink Tubing
V1.0 09/04/20
PVHR-004-1025-BLK MULTICOMP-PVHR-004-1025-BLK Datasheet
189Kb / 2P
Irradiated PVC Heat Shrink Tubing
V1.0 09/04/20
PVHR-004-1100-BLK MULTICOMP-PVHR-004-1100-BLK Datasheet
189Kb / 2P
Irradiated PVC Heat Shrink Tubing
V1.0 09/04/20
More results

Similar Description - PVHC4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com