Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAPT/MCXM/FMEM Datasheet(PDF) 8 Page - Siretta Limited.

Part # ADAPT/MCXM/FMEM
Description  Antennas, RF Cables & Adaptors
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRETTA [Siretta Limited.]
Direct Link  https://www.siretta.com/
Logo SIRETTA - Siretta Limited.

ADAPT/MCXM/FMEM Datasheet(HTML) 8 Page - Siretta Limited.

Back Button ADAPT/MCXM/FMEM Datasheet HTML 4Page - Siretta Limited. ADAPT/MCXM/FMEM Datasheet HTML 5Page - Siretta Limited. ADAPT/MCXM/FMEM Datasheet HTML 6Page - Siretta Limited. ADAPT/MCXM/FMEM Datasheet HTML 7Page - Siretta Limited. ADAPT/MCXM/FMEM Datasheet HTML 8Page - Siretta Limited. ADAPT/MCXM/FMEM Datasheet HTML 9Page - Siretta Limited. ADAPT/MCXM/FMEM Datasheet HTML 10Page - Siretta Limited. ADAPT/MCXM/FMEM Datasheet HTML 11Page - Siretta Limited. ADAPT/MCXM/FMEM Datasheet HTML 12Page - Siretta Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
8
ALPHA
Self-adhesive range of antennas, great for attaching anywhere
you wish. Alpha antennas can be for inside mounting or external
– open to the elements - mounting depending on actual type.
DELTA
Direct connect antennnas with no cable. These can be miniature
antennas to large knuckle jointed or flexi whip antennas but they
all connect directly with your equipment.
ECHO
ECHO antennas are embedded types that are either placed on
your PCB or within your equipment’s enclosure. Mostly PCB or
ceramic types.
MIKE
MIKE antennas have a magnetic base range and can be used
for any temporary application or where ‘re-siting’ the antenna is
important.
OSCAR
OSCAR antennas are wall mounted or pole mounted external
antennas and comprise omni, dipole and yagi types.
TANGO
TANGO antennas are through hole mounted antennas with a stud
and nut, suitable for most external applications where an antenna
has to be fitted to a panel or equipment box.
To simplify selection and to aid identification we have organised our antennas into
different physical mounting ranges and given them an easily remembered name:
airCONNECT Antenna Mounting Styles
Within these ranges you will find different variations of antennas including sizing
and frequencies. See Antenna finder for frequency band way of selecting an
antenna. All of our antennas can be customized to fit your requirements, whether it
is changing the connector type or increasing the length of cable or other element of
the design – Siretta are here to help.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com