Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL3301BF260QG. Datasheet(PDF) 1 Page - E-SWITCH

Part # TL3301BF260QG.
Description  TL3301 Series Tact Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL3301BF260QG. Datasheet(HTML) 1 Page - E-SWITCH

  TL3301BF260QG. Datasheet HTML 1Page - E-SWITCH TL3301BF260QG. Datasheet HTML 2Page - E-SWITCH TL3301BF260QG. Datasheet HTML 3Page - E-SWITCH TL3301BF260QG. Datasheet HTML 4Page - E-SWITCH TL3301BF260QG. Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.e-switch.com
800.867.2717
1
RoHS
Audio / Visual
Computer Peripherals
Consumer Electronics
Instrumentation
Telecommunication
Medical Devices
Part Number Configurator
Applications / Markets
Features & Benefits
Specifications
TL3301 Series Tact Switch
Specifications subject to change without notice
• Single pole single throw
• Surface mount
• 6mm x 6mm
• Cap options
• Multiple actuator options
Contact Rating: 50mA @ 12VDC
Electrical Life: 100,000 gf
Contact Resistance: 100mΩ Max
Insulation Resistance: 100MΩ Min @ 500VDC
Dielectric Strength: 250VAC for 1 Minute
Operating Temperature: -40°C to 85°C
Storage Temperature: -40°C to 85°C
Travel: 0.25mm
Contact Arrangement: SPST
Actuation Force: 100gf; 160gf; 260gf
TL3301
A - 5.0mm (no cap)
B - 9.5mm (no cap)
C - 8.0mm (no cap)
D - 13.0mm (no cap)
E - 7.3mm (no cap)
F - 7.0mm (no cap)
N - 4.3mm (no cap)
P - 8.5mm (no cap)
SP - 2.8mm square cap
T - 2.4mm square cap
F100 - 100 gf
F160 - 160 gf
F260 - 260 gf
Series
Actuator
Options
Actuation Force
Q - Silver
R - Gold
Contact
Material
G - Gullwing
J - J-lead
Termination
Order Caps
Separately
Cap Options
Specifications subject to change without notice 1.19.2021


Similar Part No. - TL3301BF260QG.

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3301 E-SWITCH-TL3301 Datasheet
229Kb / 2P
TACT SWITCHES SMT - 6mm x 6mm
More results

Similar Description - TL3301BF260QG.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS6601H ETC1-TS6601H Datasheet
261Kb / 7P
Tact Switch Series (6x6mm)
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
TACT SWITCH
logo
Suntan Capacitors
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
TACT SWITCH
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
TACT SWITCH
logo
E-SWITCH
TL1016 E-SWITCH-TL1016 Datasheet
1Mb / 7P
TL1016 Series Tact Switch
5.4.2022
TL6400 E-SWITCH-TL6400 Datasheet
1Mb / 4P
TL6400 Series Tact Switch
4.15.2022
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
Tact Switch
logo
E-SWITCH
TL6800 E-SWITCH-TL6800 Datasheet
1Mb / 4P
Tact Switch
TL3275 E-SWITCH-TL3275 Datasheet
1Mb / 4P
TL3275 Series Tact Switch
TL1017 E-SWITCH-TL1017 Datasheet
1Mb / 7P
TL1017 Series Tact Switch
3.15.2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com