Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SO692 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SO692
Description  SMALL SIGNAL PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO692 Datasheet(HTML) 2 Page - STMicroelectronics

  SO692 Datasheet HTML 1Page - STMicroelectronics SO692 Datasheet HTML 2Page - STMicroelectronics SO692 Datasheet HTML 3Page - STMicroelectronics SO692 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-amb
•
Rth j-SR
•
Thermal Resistance Junction-Ambient
Max
Thermal Resistance Junction-Substrat e
Max
450
320
oC/W
oC/W
• Mounted on a ceramic substrate area = 15 x 15 x 0.7 mm
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICBO
Collect or Cut-off
Current (IE =0)
VCB = -200 V
-100
nA
V( BR)CBO
∗ Collector-Emitter
Breakdown Volt age
(IE =0)
IC =-100
µA-300
V
V( BR)CEO
∗ Collector-Emitter
Breakdown Volt age
(IB =0)
IC =-1 mA
-300
V
V(BR)EBO
Emitt er-Base
Breakdown Volt age
(IC =0)
IE =-100
µA-5
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =-20 mA
IB =-2 mA
-0.5
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =-20 mA
IB =-2 mA
-0.9
V
hFE
∗
DC Current G ain
IC =-1 mA
VCE =-10 V
IC =-10 mA
VCE =-10 V
IC =-30 mA
VCE =-10 V
25
40
25
fT
Transit ion F requency
IC =-10 mA VCE =-20 V f =50 MHz
50
MHz
CCB
Collect or Base
Capacitance
VCB =-20 V
f =1MHz
6
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2%
SO692
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com