Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTBPDR4V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ACTBPDR4V
Description  High Carrying Current 1 Form A Type Relay for Miniature PC board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTBPDR4V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ACTBPDR4V Datasheet HTML 1Page - Panasonic Semiconductor ACTBPDR4V Datasheet HTML 2Page - Panasonic Semiconductor ACTBPDR4V Datasheet HTML 3Page - Panasonic Semiconductor ACTBPDR4V Datasheet HTML 4Page - Panasonic Semiconductor ACTBPDR4V Datasheet HTML 5Page - Panasonic Semiconductor ACTBPDR4V Datasheet HTML 6Page - Panasonic Semiconductor ACTBPDR4V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Automotive Relays TB RELAYS POWER TYPE
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB377E 202103
Panasonic Corporation 2021
Specifications
Item
Specifications
Contact data
Contact arrangement
1 Form A
Contact resistance
(initial)
Max. 50 mΩ (typ. 3 mΩ) (by voltage drop 1 A 6 V DC)
Contact material
Ag alloy
Rated switching
capacity (resistive)
30 A 14 V DC
Max. carrying current
(initial)*1
30 A/1 hour (12 V DC at 20°C)
Min. switching load
(resistive)*2
1 A 14 V DC (at 20°C)
Insulated resistance (initial)
Min. 100 MΩ (at 500 V DC, Measured portion is the same as the case of dielectric strength.)
Dielectric
strength (initial)
Between open contacts 500 V AC for 1 min (detection current: 10 mA)
Between contacts and
coil
500 V AC for 1 min (detection current: 10 mA)
Time
characteristics
(initial)
Operate (Set) time
(at rated voltage)
Max. 10 ms (at 20°C, without contact bounce time)
Release (Reset) time
(at rated voltage)
Max. 10 ms (at 20°C, without contact bounce time, without diode)
Shock
resistance
Functional
Min. 100 m/s2 (half-wave pulse of sine wave: 11 ms, detection time: 10 µs)
Destructive
Min. 1,000 m/s2 (half-wave pulse of sine wave: 6 ms)
Vibration
resistance
Functional
10 to 100 Hz, Min. 44.1 m/s2 (detection time: 10 µs)
Destructive
10 to 500 Hz, Min. 44.1 m/s2
Time of vibration for each direction; X, Y direction: 2 hours, Z direction: 4 hours
Expected life
Mechanical
Min. 5×106 (at 120 times/min)
Electrical
Standard
type
<Resistive load>
Min. 105 at rated switching capacity
operating frequency: ON 1 s, OFF 9 s
Lamp
control
type*4
<Resistive and capacitor loads>
Min. 105 at 70 A (inrush), 15 A (steady), 14 V DC
operating frequency: ON 0.15 s, OFF 4.85 s
Conditions
Conditions for usage,
transport and storage*3
Ambient temperature: -40 to +110°C
Humidity: 2 to 85% RH (Avoid icing and condensation)
Unit weight
Approx. 5 g
*1.Depends on connection conditions. Also, this does not guarantee repeated switching. We recommend that you confirm operation under actual conditions.
*2.This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load.
*3.The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. For details, please refer to the “Automotive Relay
Users Guide”.
Please inquire our sales representative if you will be using the relay in a high temperature atmosphere (110°C).
*4.Part numbers for electric discharge lamp loads or any other lamp loads and for capacitor loads only consist of “ACTBPD**”.
When using the lamp control type, connect N.O. to the “+ (plus)” side. Please inquire our sales representative for details.
REFERENCE DATA
1-1.Coil temperature rise
(at room temperature)
Sample: ACTBPDH4, 3 pcs.
Carrying current: 0 A, 10 A, 20 A, 30 A
Ambient temperature: Room temperature
10 A
0 A
0
80
60
40
20
12
16
18
120
140
160
180
100
14
10
30 A
20 A
Coil applied voltage, V
1-2.Coil temperature rise
(at 110°C)
Sample: ACTBPDH4, 3 pcs.
Carrying current: 0 A, 10 A, 20 A
Ambient temperature: 110°C
0 A
0
80
60
40
20
12
16
18
120
140
160
180
100
14
10
20 A
10 A
Coil applied voltage, V
2.Ambient temperature and usable voltage
range
Operate voltage (Cold start)
Operate voltage (Cold start)
Usable voltage range
Usable voltage range
0
10
5
15
20
-40
-20
0
20
40
60
80
100 120
Sample: ACTBPDH4
Ambient temperature, °C
ー 2 ー



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com