Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTBPDR4 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ACTBPDR4
Description  High Carrying Current 1 Form A Type Relay for Miniature PC board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTBPDR4 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ACTBPDR4 Datasheet HTML 1Page - Panasonic Semiconductor ACTBPDR4 Datasheet HTML 2Page - Panasonic Semiconductor ACTBPDR4 Datasheet HTML 3Page - Panasonic Semiconductor ACTBPDR4 Datasheet HTML 4Page - Panasonic Semiconductor ACTBPDR4 Datasheet HTML 5Page - Panasonic Semiconductor ACTBPDR4 Datasheet HTML 6Page - Panasonic Semiconductor ACTBPDR4 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ASCTB377E 202103
Panasonic Corporation 2021
FEATURES
Compact, 30 A and supports fuse.
Supports capacitor loads and low operating power
type.
Pin in Paste compliant model added.
High Carrying Current 1 Form A Type Relay for Miniature PC board
TB RELAYSPOWERTYPE
Automotive Relays
TYPICAL APPLICATIONS
Defoggers, Ignitions, Seat heaters and Powered
windows, etc
( Unit: mm )
< Protective construction >
High heat-resistant type: Sealed
Pin in Paste compliant type: Flux tight
9.2
9.2
14
14
14
14
9.2
9.2
14
14
14
14
ORDERING INFORMATION (PART NO.)
P
Contact type
C: Standard type ( Ag alloy / Cu clad )
D: Lamp control type ( Ag alloy / Cu clad )
Heat resistance / Protective construction
H: High heat-resistant type / Sealed
R: Pin in Paste compliant type / Flux tight
P: Power type
Coil resistance
4: 300 Ω
ACTB
TYPES
Contact
arrangement
Contact type
Rated coil
voltage
Coil resistance
Part No.
Packing
Heat resistance
Carton
Case
High heat-resistant type Pin in Paste compliant type
1 Form A
Standard type
(Ag alloy / Cu clad)
12 V DC
300 Ω
ACTBPCH4
ACTBPCR4
50 pcs.
2,000 pcs.
Lamp control type
(Ag alloy / Cu clad)
ACTBPDH4
ACTBPDR4
*
*Please order "ACTBPDR4V" (standard stock part number).
The letter of suffix "V" is not marked on the device (relay). It is only marked on the inner and outer carton.
Coil data
Rated coil
voltage
Operate (Set)
voltage
(at 20°C)(Initial)
Release (Reset)
voltage
(at 20°C)(Initial)
Rated operating
current
(±10%, at 20°C)
Coil resistance
(±10%, at 20°C)
Rated operating
power
(at 20°C)
Usable voltage range
12 V DC
Max. 7.0 V DC
Min. 0.5 V DC
40 mA
300 Ω
480 mW
10 to 16 V DC
Note: Other operate (set) voltage types are also available. Please inquire our sales representative for details.
RATING
industrial.panasonic.com/ac/e/
2021.04
ー 1 ー


Similar Part No. - ACTBPDR4

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ACTB11 PANASONIC-ACTB11 Datasheet
608Kb / 12P
Automotive Relays TB RELAYS
2022.4
ACTB12 PANASONIC-ACTB12 Datasheet
608Kb / 12P
Automotive Relays TB RELAYS
2022.4
ACTB13 PANASONIC-ACTB13 Datasheet
608Kb / 12P
Automotive Relays TB RELAYS
2022.4
ACTB1C1 PANASONIC-ACTB1C1 Datasheet
608Kb / 12P
Automotive Relays TB RELAYS
2022.4
ACTB1C2 PANASONIC-ACTB1C2 Datasheet
608Kb / 12P
Automotive Relays TB RELAYS
2022.4
More results

Similar Description - ACTBPDR4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT216 ETC-LT216 Datasheet
342Kb / 5P
miniature 1-Form A solid state relay
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
MINIATURE PC BOARD RELAY
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OSZ-SS-112DM8 MACOM-OSZ-SS-112DM8 Datasheet
49Kb / 2P
1 Pole Miniature Power PC Board Relay
PCH-112D2H001 MACOM-PCH-112D2H001 Datasheet
145Kb / 2P
5 - 10 Amp Miniature 1 Form A or C Power PC Board Relay
PCH-124L2MH MACOM-PCH-124L2MH Datasheet
143Kb / 2P
5 - 10 Amp Miniature 1 Form A or C Power PC Board Relay
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
Slim 2 Form A Miniature PC Board Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com