Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300SP1R2REDM1QEWHT Datasheet(PDF) 1 Page - E-SWITCH

Part # 300SP1R2REDM1QEWHT
Description  300 series rocker switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

300SP1R2REDM1QEWHT Datasheet(HTML) 1 Page - E-SWITCH

  300SP1R2REDM1QEWHT Datasheet HTML 1Page - E-SWITCH 300SP1R2REDM1QEWHT Datasheet HTML 2Page - E-SWITCH 300SP1R2REDM1QEWHT Datasheet HTML 3Page - E-SWITCH 300SP1R2REDM1QEWHT Datasheet HTML 4Page - E-SWITCH 300SP1R2REDM1QEWHT Datasheet HTML 5Page - E-SWITCH 300SP1R2REDM1QEWHT Datasheet HTML 6Page - E-SWITCH 300SP1R2REDM1QEWHT Datasheet HTML 7Page - E-SWITCH 300SP1R2REDM1QEWHT Datasheet HTML 8Page - E-SWITCH 300SP1R2REDM1QEWHT Datasheet HTML 9Page - E-SWITCH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Instrumentation
Testing Equipment
Computer Peripherals
Telecommunication
ApplicAtions / MArkets
FeAtures & BeneFits
speciFicAtions
pArt nuMBer conFigurAtor
300 series rocker switch
Specifications subject to change without notice
• Multiple rocker & paddle options
• Up to 4 poles
• Multiple termination options
• Snap-in panel mount option available
Contact Rating: dependent upon contact material
Life Expectancy: 40,000 make or break cycles at full load
Contact Resistance: 10mΩ max. initial @ 2-4VDC,
100mA for both silver and gold plated contacts
Insulation Resistance: 1,000MΩ min.
Dielectric Strength: 1,000 V RMS @ sea level
Operating Temperature: -30°C to 85°C
300
SP1
SP2
SP3
SP4
SP5
DP1
DP2
DP3
DP4
DP5
DP6
DP7
DP8
3P1
3P2
3P3
3P4
3P5
4P1
4P2
4P3
4P4
4P5
4P6
Panel Mount
BLK - Black
WHT - White
RED - Red
YEL - Yellow
GRY - Gray
PC Mount
BLK - Black
WHT - White
RED - Red
YEL - Yellow
GRY - Gray
Q - Silver
R - Gold
Series
Model No.
Actuator
Color**
Contact
Material
Medical Equipment
Panel Mount
R1
R2
R3
R4
R6*
R7*
R8*
R9*
R11
R16
*Snap-in
Panel Mount
PC Mount
J1
J2
J3
J4
J5
J6
Acuator
Panel Mount
M1
M3
M51
M52
M53
M54
PC Mount
M2
M6
M7
VS2
VS3
VS4
VS5
M61
VS21
Termination
E - Epoxy
sealed at base
of terminal
Seal
(R6, R7 Only)
BLK - Black
WHT - White
RED - Red
YEL - Yellow
GRY - Gray
Frame Color
Consumer Electronics


Similar Part No. - 300SP1R2REDM1QEWHT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
300SP1R2REDM1QEBLK E-SWITCH-300SP1R2REDM1QEBLK Datasheet
1Mb / 9P
ROCKER AND PADDLE SWITCHES - MINIATURE
300SP1R2REDM1QERED E-SWITCH-300SP1R2REDM1QERED Datasheet
1Mb / 9P
ROCKER AND PADDLE SWITCHES - MINIATURE
More results

Similar Description - 300SP1R2REDM1QEWHT

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
CW Industries
GRB214A2NABA1 CWIND-GRB214A2NABA1 Datasheet
53Kb / 1P
ROCKER SWITCH
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com