Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR2391 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHR2391
Description  12-16GHz Integrated Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2391 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHR2391 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2391 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
12 -16GHz Integrated Down Converter
CHR2391
Ref. : : DSCHR23915263 - 20 Sep 05
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics for Broadband Operation
Tamb = +25°C, Vd = 3.5V ,Idl=50mA, Idm=50mA
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
12
16
GHz
FLO
LO frequency range
5.25
7.25
GHz
FIF
IF frequency range
0.25
1.5
GHz
Gc
Conversion gain (1)
+13
+15
dB
NF
Noise Figure (1)
2.
2.5
dB
PLO
LO Input power
+10
+13
dBm
Img Sup
Image Suppression
15
dBc
P1dB
Input power at 1dB gain compression
-10
dBm
IP3
Input IP3
2.5
dBm
LO VSWR Input LO VSWR (1)
2.0:1
RF VSWR Input RF VSWR (1)
2.0:1
Id
Bias current (2)
100
130
mA
(1) On Wafer measurements
(2) Current source biasing network is recommended.
Optimum performances are obtained for Idm=50mA (Id consumption of the X2+buffer; vgb
≠-0.4V)
and Idl=50mA(Id consumption for the lna; Vga
≠-0.4V)
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Maximum drain bias voltage
4.0
V
Id
Maximum drain bias current
180
mA
Vg
Gate bias voltage
-2.0 to +0.4
V
Vdg
Maximum drain to gate voltage ( Vd – Vg)
+5
V
Pin
Maximum RF peak input power overdrive (2)
-5
dBm
Tch
Maximum channel temperature
175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com