Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWA-STANDARD-R Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CWA-STANDARD-R
Description  CodeWarrior™ Development Studio
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CWA-STANDARD-R Datasheet(HTML) 4 Page - NXP Semiconductors

  CWA-STANDARD-R Datasheet HTML 1Page - NXP Semiconductors CWA-STANDARD-R Datasheet HTML 2Page - NXP Semiconductors CWA-STANDARD-R Datasheet HTML 3Page - NXP Semiconductors CWA-STANDARD-R Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Learn More:
For current information on Flexis™ series
microcontrollers, please visit
www.freescale.com/flexis.
You can also find more information about
Fast Track, Freescale’s online support services
center, at
www.freescale.com/fasttrack.
Freescale, the Freescale logo, and CodeWarrior are trademarks or registered trademarks of Freescale Semiconductor, Inc.
in the U.S. and other countries. All other product or service names are the property of their respective owners.
© Freescale Semiconductor, Inc. 2009.
950-00087
REV K
Features
• New Project Wizard
• MCU Change Wizard
• Create single file assembly projects to
complex C projects with multiple files
• Build system with optimizing C/C ++
compilers for HC(S)08, RS08 and
V1 ColdFire MCUs
• Assembler (absolute, relocatable, mixed
and in-line) for HC(S)08, RS08 and
V1 ColdFire MCUs
• Graphical, source-level debugger
• HCS08 and V1 ColdFire on-chip
trace support
• Flash programming support
• Full-chip simulation for HC(S)08, RS08 and
V1 ColdFire MCUs
• Data visualization
• UNIS Device Initialization tool to generate
HC(S)08, RS08 and V1 ColdFire CPU and
peripheral initialization code
• UNIS Processor Expert with Bean Wizard
and components for HC(S)08 and
V1 ColdFire CPUs, on-chip peripherals,
external peripherals and software algorithms
• Over 150 assembly and C example projects
to use as templates for your next project
• Animated tutorials to give you a boost up
the learning curve
• HCS08 to V1 ColdFire Porting Guide
Specifications
• IDE version: 5.9
• Host platforms: Microsoft® Windows
XP/Vista
• Language support: Assembly, C/C ++
• Build tools output formats:
ELF/DWARF 2.0, Hiware, Freescale
S-Record, Intel® hex, binary
• RS08 device support: KA, KB, LA, LE
• HC08 device support: AB, AP, AS, AZ, BD,
EY, GP, GR, GT, GZ, JB, JG, JK, JL, JW, KX,
LB, LD, LJ, LK, MR, QB, QC, QL, QT, QY,
RF, SR families
• HCS08 device support: AC, AW, DE, DN,
DV, DZ, EL, EN, FL, GB, GT, JM, JR, JS,
LC, LG, LL, MP, MPXY, QA, QB, QD, QE,
QG, QT, RC, RD, RE, RG, SC, SE, SG, SH,
SL, SV families
• V1 ColdFire device support: AC, CN, EM,
JM, QE
• Board support: FSICE, DEMOAC128KIT,
DEMO51AC256KIT, DEMOJM,
DEMOQE128, DEMO908AP64,
DEMO9S08FL16, DEMO908GZ60,
DEMO908JL16, DEMO908LB8,
DEMO908QB8, DEMO908QC16,
DEMO9S08AW60, DEMO9S08JM16,
DEMO9S08JS16, DEMO9S08LC60,
DEMO9S08LG32, DEMO9S08LL16,
DEMO9S08MP16, DEMO9S08QB8,
DEMO9S08QE8, DEMO9S08QE32,
DEMO9S08QG8, DEMO9S08SC4,
DEMO9S08SE8, DEMO9S08SG32,
DEMO9S08SH8, DEMO9S08SH32,
DEMO9S08SV16, DEMO9RS08KA2,
DEMO9RS08KA8, DEMO9RS08KB12,
DEMO9RS08LA8, DEMO9RS08LE4,
DEMOEM, EVBQE128, EVB9S08DZ60,
EVB51JM128, TWR-MCF51CN,
USBSPYDER08
• Host target interfaces: HCS08 Open-source
BDM (based on HC9S08JB16 platform),
HCS08 FSL Open Source BDM
(based on HC9S08JM60 platform),
CFV1 FSL Open Source BDM (based on
HC9S08JM60 platform), USB inDART
(SofTec Microsystems) Cyclone Pro,
MON08 Multilink, USB MON08 Multilink,
USB BDM Multilink (P&E Microsystems)
System
Requirements
• 1.0 GHz Pentium® compatible processor
or better
• Microsoft Windows XP/Vista
• 512 MB RAM (1 GB recommended)
• 2 GB hard disk space, 400 MB on Windows
system disk
• CD-ROM drive for installation
• USB port for communications with
target hardware
• Ethernet port for communications with
target hardware (optional)
Support Policy
• Online help and documentation
• Includes 12-month technical support
• Free 30-day evaluation license available
CodeWarrior Development Studio for
Microcontrollers is included in the
CodeWarrior Development Tool Suites.
To order the product, select the part
number for the CodeWarrior Development
Tool Suite that meets your needs.
Special Suite—CodeWarrior for
Microcontrollers, Special Edition
Special Edition
CWX-HXX-SE
Basic Suite—C Compiler Upgrade
Perpetual
$995
• Node Locked
CWP-BASIC-NL
• Floating
CWP-BASIC-FL
• Tech Support
CWT-BASIC
After first year
$195
Annual Subscription
$395
• Node Locked
CWA-BASIC-NL
• Floating
CWA-BASIC-FL
Standard Suite—CodeWarrior for
Microcontrollers, Standard Edition
Perpetual
$2495
• Node Locked
CWP-STANDARD-NL
• Floating
CWP-STANDARD-FL
• Tech Support
CWT-STANDARD
After first year
$495
Annual Subscription
$995
• Node Locked
CWA-STANDARD-NL
• Floating
CWA-STANDARD-FL
Professional Suite—
CodeWarrior for Microcontrollers,
Professional Edition
Perpetual
$4995
• Node Locked
CWP-PRO-NL
• Floating
CWP-PRO-FL
• Tech Support
CWT-PRO
After first year
$995
Annual Subscription
$1995
• Node Locked
CWA-PRO-NL
• Floating
CWA-PRO-FL
Contact your local Freescale representative for
more information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com