Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEVKIT-S12VR64 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # DEVKIT-S12VR64
Description  Ultra-Reliable MCUs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DEVKIT-S12VR64 Datasheet(HTML) 1 Page - NXP Semiconductors

  DEVKIT-S12VR64 Datasheet HTML 1Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.nxp.com/DEVKIT
NXP, the NXP logo and CodeWarrior are trademarks of NXP B.V. All other product or service names are the property of their respective
owners. The Power Architecture and Power.org word marks and the Power and Power.org logos and related marks are trademarks and service
marks licensed by Power.org. © 2016 NXP B.V.
Document Number: AUTOMCUDEVKITFS REV 0
Product One-Sheet
Overview
The development kit is a small, cost effective evaluation
and development system for quick application prototyping
and demonstration with Automotive Microcontroller and
Processor products.
Each platform offers an easy-to-use mass-storage device
mode flash programmer, virtual serial port and classic
programming and run-control capabilities.
It’s easy, so get started today.
Features
Cost Effective and Easy to Use
Development kits starting at $29.00 suggested resale
Full support within S32 Design Studio (for ARM® or PPC
based MCUs) and CodeWarrior IDE’s (S12/S12Z)
All kits come with Quick Start Guide and demo code examples
Small Form Factor
PCB sizes less than 150mm x 100mm
Compatibility
Arduino™ pin-compatibility
Expand CAN and LIN/SCI ports by adding DEVKIT-COMM
communication shield adapter
Add BLDC and PMSM motor control using DEVKIT-MOTORGD
shield adapter
Debug Simplicity
Integrated USB based open-standard serial and debug
adapter (OpenSDA)
Integrated USB based serial background debug mode
(OpenBDM) on all S12 and S12Z based products
Capability
Easy access to the MCU GPIO pins using available headers
Communication support for CAN, LIN, Flexray, USB and Ethernet
Potentiometer for precise voltage and analog measurement
Flexible power supply options—microUSB or external
12V power supply
Software Enablement
and Support
Full featured S32 Design Studio IDE
(S32DS)
Support for Keil®, IAR, SEGGER,
CodeWarrior IDE, ARM mbed™ platform
and more
Integrated Software Development Kit
S32 SDK (SDK)
These are mbed and P&E Multilink enabled
through the built-in USB flash programming
interface (OpenSDA and OpenBDM)
Look for one of the many lab code
examples integrated into S32DS IDE and
available on tool webpages
Portfolio
MCU
DEVKIT-
MPC5748G
DEVKIT-
MPC5744P
DEVKIT-S12ZVL
DEVKIT-ZVL128
DEVKIT-S12VR64
DEVKIT-S12ZVC
DEVKIT-S12XE
DEVKIT-S12G128
Expansion Boards
DEVKIT-COMM (CAN/LIN communication)
DEVKIT-MOTORGD (motor control)
DEVKIT-TRANSLATE (translate
FRDM pinout)
Shield Adapter Example: DEVKIT-COMM
Expansion Board
Example: DEVKIT-MPC5748G
Development Kit
NXP Development Kits for Ultra-Reliable MCUs
For rapid prototyping and development of Automotive and
Industrial Applications
Features
Supports multiple architectures
Motor Control
expansion
CAN/ LIN/ Ethernet/ FlexRay™
Communication options
Ease-Of-Use


Similar Part No. - DEVKIT-S12VR64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DEVKIT-S12G128 NXP-DEVKIT-S12G128 Datasheet
1Mb / 14P
ULTRA-RELIABLE MCUS
DEVKIT-S12ZVL NXP-DEVKIT-S12ZVL Datasheet
1Mb / 12P
ULTRA-RELIABLE MCUS
More results

Similar Description - DEVKIT-S12VR64

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM195 NSC-LM195 Datasheet
421Kb / 13P
Ultra Reliable Power Transistors
LP395 NSC-LP395 Datasheet
130Kb / 5P
Ultra Reliable Power Transistor
LM295 NSC-LM295 Datasheet
230Kb / 11P
Ultra Reliable Power Transistors
logo
Texas Instruments
LM195QML TI1-LM195QML Datasheet
347Kb / 18P
LM195QML Ultra Reliable Power Transistors
logo
Freescale Semiconductor...
MKL14Z32 FREESCALE-MKL14Z32 Datasheet
397Kb / 2P
Ultra-low-power, entry-level MCUs
logo
Renesas Technology Corp
RX64M RENESAS-RX64M Datasheet
451Kb / 67P
MCUs
logo
Texas Instruments
LM195 TI1-LM195_13 Datasheet
1Mb / 20P
Ultra Reliable Power Transistors
LP395 TI1-LP395 Datasheet
294Kb / 12P
Ultra Reliable Power Transistor
LM195QML TI1-LM195QML_13 Datasheet
910Kb / 16P
Ultra Reliable Power Transistors
logo
NXP Semiconductors
DEVKIT-MPC5748G NXP-DEVKIT-MPC5748G Datasheet
1Mb / 23P
Ultra-Reliable MCUs for Industrial and Automotive Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com