Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRDM-HB2000ESEVM Datasheet(PDF) 29 Page - NXP Semiconductors

Part # FRDM-HB2000ESEVM
Description  evaluation board
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDM-HB2000ESEVM Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button FRDM-HB2000ESEVM Datasheet HTML 25Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 26Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 27Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 28Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 29Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 30Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 31Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 32Page - NXP Semiconductors FRDM-HB2000ESEVM Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
NXP Semiconductors
KTFRDMHB2000ESEVMUG
FRDM-HB2000ESEVM evaluation board
KTFRDMHB2000ESEVMUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2 — 11 June 2018
29 / 34
9 Bill of materials
Table 12. Bill of materials
Item
Qty Schematic
label
Value
Description
Part number
Assy
opt
Active components[1]
1
1
U1
IC DRV H-BRIDGE MOTOR 3.0 A 5.0 V
to 28 V HVQFN28 – NXP
HB2000ES
[2]
2
1
U2
IC VREG 5.0 V 1.0 A 5.0 V to 18 V
D2PAK – ON Semiconductor
MC7805ABD2TG
[2]
Diodes[1]
3
1
D2
24 V
DIODE TVS UNIDIR 600 W 24 V
AEC‑Q101 SMB
SMBJ24AHE3/52
4
1
D57
70 V
DIODE SCH TRIPLE 70 mA 70 V
200 mW SOT363
BAS70TW-7-F
5
1
D58
75 V
DIODE SW 150 mA 75 V SOD323
1N4148WS-7-F
6
2
D59, D64
25 mA
LED RED SGL 25 mA 0805
598-8110-107F
7
3
D60, D61,
D63
25 mA
LED GRN SGL 25 mA 0805
598-8170-107F
Capacitors[1]
8
2
C1, C13
0.1 µF
CAP CER 0.1 μF 50 V 10 % X7R 0805
C0805C104K5RAC
9
1
C2
100 µF
CAP ALEL 100 μF 50 V 20 %
AEC‑Q200 RADIAL SMT
MAL214699104E3
10
2
C4, C5
0.033 µF CAP CER 0.033 μF 50 V 10 % X7R
0805
08055C333KAT2A
11
1
C7
0.33 µF
CAP CER 0.33 μF 50 V 10 % X7R 0603 C1608X7R1H334K080AC
12
1
C8
0.1 µF
CAP CER 0.1 μF 16 V 10 % X7R
AEC‑Q200 0603
GCM188R71C104KA37D
13
1
C9
0.047 µF CAP CER 0.047 μF 25 V 10 % X7R
0603
C0603X7R250-473KNE
Resistors[1]
14
1
R1
1.0 MΩ
RES 1 MΩ 1/4 W 1 %
AEC‑Q200 0603
CRCW06031M00FKEAHP
15
1
R2
47 kΩ
RES MF 47 kΩ 1/10 W 1.0 %
AEC‑Q200
0603
CRCW060347K0FKEA
16
1
R10
10 kΩ
RES MF 10 kΩ 1/10 W 5 %
AEC‑Q200
0603
ERJ-3GEYJ103V
17
5
R187, R188,
R192, R193,
R210
0 Ω
RES MF 0 Ω 1/10 W 0603
CRCW06030000Z0EA
18
1
R212
200 Ω
RES MF 200 Ω 1/10 W 1 % 0603
RK73H1JTTD2000F
19
2
R203, R204 1.0 kΩ
RES MF 1.0 kΩ 1/10 W 1 % 0603
AR03FTNX1001
20
4
R206, R207,
R208, R209
4.70 kΩ
RES MF 4.70 kΩ 1/10 W 1 % 0603
RK73H1JTTD4701F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com