Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRDM-HB2002ESEVM Datasheet(PDF) 21 Page - NXP Semiconductors

Part # FRDM-HB2002ESEVM
Description  evaluation board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FRDM-HB2002ESEVM Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button FRDM-HB2002ESEVM Datasheet HTML 17Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 18Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 19Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 20Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 21Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 22Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 23Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 24Page - NXP Semiconductors FRDM-HB2002ESEVM Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
NXP Semiconductors
UM11144
FRDM-HB2002ESEVM evaluation board
UM11144
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 1.0 — 13 September 2018
21 / 27
Input Control Mode Select mode of operation (full-bridge or half-bridge) with
MODE
bit. Write the device configuration register upon edit to correctly
interpret input signals.
• H-Bridge (default) operates the device in full-bridge mode
• Half-Bridge operates the device in half-bridge mode
This dropdown selection affects the PWM waveforms generated by
the microcontroller.
Current Limit (A)
Select from four current limit options using the
ILIM0 and ILIM1
bits. Write the device configuration register upon edit.
Slew Rate (V/μs)
Select from eight slew rate settings using the
SR0, SR1, and SR2
bits. Write the device configuration register upon edit.
Standby Open
Load Test
Enable openload test in Standby mode, using
CL bit. Write the
device configuration register upon edit.
• No (default) sets CL = 0 and disables the test
• Yes sets CL = 1 and executes openload test on next Standby
state
Openload standby test is available in full-bridge mode only.
Over Voltage
Protection
Configure response to overvoltage condition using
DOV bit. Write
the fault status mask register upon edit.
• Enabled (default) sets DOV = 0; during overvoltage, the OV
warning bit is set and the outputs are in high-side recirculation to
protect the system.
• Disabled sets DOV = 1; during overvoltage only the OV warning
bit is set.
Overvoltage protection is available in full-bridge mode only.
Additional functionality is available by setting configuration and status registers over SPI.
For a full description of this functionality, see MC33HB2002 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com