Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFP02123C Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AFP02123C
Description  The New Standard of Ultra-compact PLCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFP02123C Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AFP02123C Datasheet HTML 4Page - Panasonic Semiconductor AFP02123C Datasheet HTML 5Page - Panasonic Semiconductor AFP02123C Datasheet HTML 6Page - Panasonic Semiconductor AFP02123C Datasheet HTML 7Page - Panasonic Semiconductor AFP02123C Datasheet HTML 8Page - Panasonic Semiconductor AFP02123C Datasheet HTML 9Page - Panasonic Semiconductor AFP02123C Datasheet HTML 10Page - Panasonic Semiconductor AFP02123C Datasheet HTML 11Page - Panasonic Semiconductor AFP02123C Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
INSTALLATION AND OPTIONS
The control unit width is only 25 mm 0.98 in*.
Even when expanded to allow for 128 I/O points,
the total width is only 105 mm 4.13 in.
Up to three expansion units can be directly
connected without connection cables.
* The 32 I/O points type control unit is 30 mm 1.18 in in width.
● Three options for installation methods
DIN rail
Slim type mounting plate
Flat type mounting plate*
* Cannot be used when expanded.
Control
unit
Expansion
unit
Expansion
unit
Expansion
unit
The expansion units can be directly connected to the control unit
with a simple operation using the expansion connector and lock
lever on the side of the unit. Dedicated cables or backplanes are
not necessary for expansion.
(
)
Up to 3 units
can be expanded.
A terminal block type and a connector type are available. Both can be detached for easy wiring.
The control unit can be directly mounted on a panel by using the optional flat
type mounting plate.
Part number:
AFP0806
Part number:
AFP0802 (2 sokets per pack)
Part number:
AFP0801 (2 sokets per pack)
Terminal socket
Attaches to relay output
and terminal block types.
Molex socket
Attaches to relay output and
molex connector types.
Wire-press socket
Attaches to transistor output
type.
FP0R Power cable (Length: 1 m 3.28 ft)
Attaches to FP0R control unit.
Part number:
AFP0807 (2 sokets per pack)
Part number:
AFPG805 (1 cable per pack)
Notes: 1)
2)
3)
Relay output molex type I/O cable
Loose-wiring cable (9 leads) with molex socket attached at
one end, AWG20, 0.5 mm2, 1 set: 2 cables (blue & white)
Part number:
AFP0805
Part number:
AXY52000FP
< Length: 3 m 9.84 ft > 2 cable set
Part number:
AFP0553
< Length: 1 m 3.28 ft > 2 cable set
Part number:
AFP0551
Transistor output type I/O cable
Loose-wiring cable (10 leads) with connectors attached at
one end, AWG22, 0.3 mm2, 1 set: 2 cables (blue & white).
< Length: 3 m 9.84 ft > 2 cable set
Part number:
AFP0523
Part number:
AFP0808 (including 4 pieces)
< Length: 1 m 3.28 ft > 2 cable set
Part number:
AFP0521
● Wiring tools
● Parts for mounting
● I/O cables
● Maintenance parts
● Flat cable connector set (10 leads)
Flat type mounting plate
Screw-stop attachment plate, Flat model
Part number:
AFP0804 (including 10 pieces)
FP0 Slim type mounting plate
Screw-stop attachment plate, Slim model
Part number:
AFP0803 (including 10 pieces)
PART NUMBER LIST
■ Control units
■ Expansion units
■ Intelligent units
AFP0RE8X
AFP0RE8RS
AFP0RE8YRS
AFP0RE8YT
AFP0RE8YP
AFP0RE16X
AFP0RE16YT
AFP0RE16T
AFP0RE16RS
AFP0RE16RM
AFP0RE32T
AFP0RE32P
AFP0RE8RM
AFP0RE16YP
AFP0RE16P
Part number:
AFP0480
Product number:
(FP0-A21)
AFP0420
(FP0-TC4)
AFP0421
(FP0-TC8)
AFP0401
(FP0-A80)
AFP04123
(FP0-A04I)
AFP04121
(FP0-A04V)
MIL connector type
MIL connector type
MIL connector type
MIL connector type
MIL connector type
MIL connector type
MIL connector type
Terminal block type
Terminal block
type
Terminal block type
Terminal block type
Terminal block type
Terminal block type
Terminal block type
Terminal block type
Connector type
Connector type
Terminal block
type
Connector type
Connector type
MIL connector type
MIL connector type
T type
F type
MIL connector type
10 points Input: 6, Relay output: 4
16 points Input: 8, Transistor output: 8
8 points Input: 4, Relay output: 4
Analog I/O unit Input: 2 ch, Output: 1 ch A/D converter unit Input: 8 ch D/A converter unit Voltage output: 4 ch D/A converter unit Current output: 4 ch Thermocouple unit
8 points Input: 8
8 points Relay output: 8
8 points Transistor output: 8
16 points Input: 8, Relay output: 8
16 points Input: 8, Transistor output: 8
16 points Input: 16
16 points Transistor output: 16
32 points Input: 16, Transistor output: 16
32 points Input: 16, Transistor output: 16 32 points Input: 16, Transistor output: 16 32 points Input: 16, Transistor output: 16
10 points Input: 6, Relay output: 4
14 points Input: 8, Relay output: 6
14 points Input: 8, Relay output: 6
AFP0RT32MP
AFP0RT32MT
with RS485
AFP0RT32CP
AFP0RT32CT
with RS232C
AFP0RF32MT
AFP0RF32MP
with RS485
AFP0RF32CT
AFP0RF32CP
with RS232C
AFP0RC10RS
AFP0RC10CRS
with RS232C
AFP0RC10MRS
with RS485
AFP0RC10RM
AFP0RC10CRM
with RS232C
AFP0RC14RS
AFP0RC14CRS
with RS232C
AFP0RC14MRS
with RS485
AFP0RC14RM
AFP0RC14CRM
with RS232C
4 ch
8 ch
Units in common with FP0
■ Installation
■ Options
Terminal screwdriver
Necessary when wiring relay output type and
terminals block (Phoenix).
Molex connector pressure contact tool
Necessary when wiring relay output type
and molex connectors.
Multi-wire connector pressure contact tool
Necessary when wiring transistor output type
connectors.
The control unit is pocket-sized: W 25 x H 90 x D 60 mm W 0.98 x
H 3.54 x D 2.36 in.
The number of I/O points can be expanded up to 128. Even with
the maximum expansion, the size is only W 105 x H 90 x D 60 mm
W 4.13 x H 3.54 x D 2.36 in. The ultra-compact body size and
installation area facilitate the miniaturization of target machines,
equipment, and control panels.
One I/O cable set (2 cables) is necessary with the following models: C10RS / C10RM, C14RS / C14RM, E8RS / E8RM, E16RS / E16RM
One I/O cable set (2 cables) is necessary with the following models: C16T / E16X, E16T / E16YT
Two I/O cable sets (total 4 cables) are necessary with the following models: C32T / E32T
AFP0RC32T
AFP0RC32P
AFP0RC32CP
AFP0RC32CT
with RS232C
AFP0RC32MP
AFP0RC32MT
with RS485
with RS232C
AFP0RC16P
AFP0RC16CP
AFP0RC16T
AFP0RC16CT
with RS485
AFP0RC16MP
AFP0RC16MT
■ Link and Communication units
■ Power supply unit and others
Part number:
AFP0732
Product number:
(FP0-IOL)
Part number:
AFP0634
Product number:
(FP0-PSA4)
AKS1202
AFP0611
(FP-WEB2)
Data clear type: AFP8670
Data hold type: AFP8671
* FP0R is compatible with Ver. 2.0 or later.
Input: 100 to 240 V AC,
Output: 24 V DC, 0.7 A
I/O link unit
CC-Link slave unit
KS1 Signal converter
FP Web-server 2 Unit
Power supply unit
FP memory loader
AFP07943
(FP0-CCLS)
Units in common with FP0
Units in common with FP0
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com