Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8471 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # FXLS8471
Description  Analog output g-sensor family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8471 Datasheet(HTML) 2 Page - NXP Semiconductors

  FXLS8471 Datasheet HTML 1Page - NXP Semiconductors FXLS8471 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information, visit freescale.com/sensors
Freescale and the Freescale logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. Xtrinsic is a
trademark of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners.
© 2014 Freescale Semiconductor, Inc.
Document Number: FXLN83xxQ REV 0
Freescale FXLN83xxQ Accelerometer Product Feature Comparison
Accelerometer Family
Features
FXLN8371Q
FXLN8372Q
FXLN8361Q
FXLN8362Q
Benefits
g-Range
2, 8
4, 16
2, 8
4, 16
Various resolution
for more precise
applications
Bandwidth
2700 Hz (XY),
600 Hz (Z)
2700 Hz (XY),
600 Hz (Z)
1100 Hz (XY)
600 Hz (Z)
1100 Hz (XY)
600 Hz (Z)
Increased
bandwidth to
support various
applications
Sensitivity
229.0 mV/g
114.5 mV/g
229.0 mV/g
114.5 mV/g
Offers a wide
range of
performance
Zero-g Level
Offset
0.750 V
Better accuracy
TCO
± 1.2 mg/C
± 2.0 mg/C
± 1.2 mg/C
± 2.0 mg/C
Low TCO over the
wide temperature
Package
12-pin QFN, 3 mm x 3 mm x 1 mm
Small, thin
package is ideal
for low-profile
applications
MMA8652
MMA8451
FXLS8471
MMA8491
FXLN83xx
• Digital Output
º I2C
• Cost Efficient
º 1mg/count
sensitivity
• High Performance
• Rich Features
º P/L detection
º High Pass Filter
• Digital Output
º I2C
• Extreme
Performance
º .25 mg/count
sensitivity
• Extended Features
º FIFO
º Configurable P/L
trip angles
º High Pass Filter
• Digital Output
º SPI
• Extreme
Performance
º .25 mg/count
sensitivity
• Extended Features
º FIFO
º Configurable P/L
trip angles
º High Pass Filter
• Digital Output
º I2C
• Extreme Low
Power
º 0.35 uA/Hz
• Cost Efficient
º 1mg/count
sensitivity
• Industrial Package
• Analog Output
• High Bandwidth
º 2.7 kHz
• Low Voltage
º 1.71-3.6 V
• Industrial Package
• Extended Temp
Range: 105C
Development Tools and Software
Kit Number
Description
BRKOUT-FXLN8371Q
FXLN8371Q Xtrinsic accelerometer breakout board for easy connection to your system.
The FXLN8371Q breakout board can also be used with the IND-FXS-PLAT demo board.
BRKOUT-FXLN8372Q
FXLN8372Q Xtrinsic accelerometer breakout board for easy connection to your system.
The FXLN8372Q breakout board can also be used with the IND-FXS-PLAT demo board.
BRKOUT-FXLN8361Q
FXLN8361Q Xtrinsic accelerometer breakout board for easy connection to your system.
The FXLN8361Q breakout board can also be used with the IND-FXS-PLAT demo board.
BRKOUT-FXLN8362Q
FXLN8362Q Xtrinsic accelerometer breakout board for easy connection to your system.
The FXLN8362Q breakout board can also be used with the IND-FXS-PLAT demo board.
DEMOFXLN83XXQ
FXLN83xxQ Xtrinsic accelerometer demo kit for system evaluation.
Documentation
Document Number
Description
FXLN83xxQ
Product specification data sheet.
Consumer
Industrial
Accelerometer
Implementations
• Tamper detection
• Tilt, vibration and shake detection
• Motion sensing in robotics applications
• Inclinometer
• Vibrometer
• Activity monitoring in sports and
medical devices
• Shock
• Tilt
• Freefall
• Motion control
• Warranty reporting
• User interface
Freescale: A Leader in
Sensing Solutions
Expanding on more than 30 years of
sensor innovation, Freescale Xtrinsic
sensing solutions are designed with the
right combination of high-performance
sensing capability, processing capacity
and customizable software to help deliver
smart, differentiated sensing applications.
With Xtrinsic sensing solutions, our vision
is to offer a diverse and differentiated
product portfolio to meet the expanding
needs of the automotive, consumer and
industrial segments. Xtrinsic solutions
offer ideal blends of functionality and
intelligence designed to help our
customers differentiate and win in
highly competitive markets.
FXLN83xxQ Xtrinsic accelerometer breakout
board with DEMOFXLN83XXQ demo kit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com