Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4DP1AT1S2 Datasheet(PDF) 2 Page - E-SWITCH

Part # ST4DP1AT1S2
Description  ST4 Series Toggle Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST4DP1AT1S2 Datasheet(HTML) 2 Page - E-SWITCH

  ST4DP1AT1S2 Datasheet HTML 1Page - E-SWITCH ST4DP1AT1S2 Datasheet HTML 2Page - E-SWITCH ST4DP1AT1S2 Datasheet HTML 3Page - E-SWITCH ST4DP1AT1S2 Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-switch.com
800.867.2717
2
ST4 Series Toggle Switch
SHEET OF
1
3
5/20/2021
OBJECT ID: 100105670 ST4 Catalog Drawing
( ) = MOMENTARY
S - SINGLE POLE
D - DOUBLE POLE
( ) = MOMENTARY
12.00
[.472 in]
15.70
[.618 in]
SEE
ACTUATOR
OPTION SECTION
21.10
[.831 in]
SEE
TERMINAL
OPTION
SECTION
SEE
TERMINAL
OPTION
SECTION
28.70
[1.130 in]
33.50
[1.319 in]
22.40
[.882 in]
SEE
TERMINAL
OPTION
SECTION
22.00
[.866 in]
12.00
[.472 in]
SEE
TERMINAL
OPTION
SECTION
SEE
ACTUATOR
OPTION SECTION
.80
[.031 in]
.80
[.031 in]
KEYWAY SIDE
KEYWAY SIDE
FUNCTION POS. 1 POS. 2 POS. 3
P1
OFF
N/A
(ON)
P2
OFF
N/A
ON
P3
ON
N/A
ON
P4
(OFF)
N/A
ON
P5
(ON)
N/A
OFF
P6
(ON)
N/A
ON
P7
ON
N/A
(ON)
P8
ON
OFF
ON
P9
ON
OFF
(ON)
P10
(ON)
OFF
(ON)
TERMINAL
CLOSURE
1-2
OPEN
2-3
FUNCTION POS. 1 POS. 2 POS. 3
P1
OFF
N/A
(ON)
P2
OFF
N/A
ON
P3
ON
N/A
ON
P4
(OFF)
N/A
ON
P5
(ON)
N/A
OFF
P6
(ON)
N/A
ON
P7
ON
N/A
(ON)
P8
ON
OFF
ON
P9
ON
OFF
(ON)
P10
(ON)
OFF
(ON)
TERMINAL
CLOSURE
1-2,
4-5
OPEN
2-3,
5-6
No. of Pole and
Function Options



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com