Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4DP1AT2C1 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST4DP1AT2C1
Description  ST4 Series Toggle Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST4DP1AT2C1 Datasheet(HTML) 1 Page - E-SWITCH

  ST4DP1AT2C1 Datasheet HTML 1Page - E-SWITCH ST4DP1AT2C1 Datasheet HTML 2Page - E-SWITCH ST4DP1AT2C1 Datasheet HTML 3Page - E-SWITCH ST4DP1AT2C1 Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-switch.com
800.867.2717
1
* ( ) denotes momentary
RoHS
Floor Care Appliances
Medical / Dental
Commercial Appliances
Industrial Controls
HVAC
Specifications
Part Number Configurator
Features & Benefits
Applications / Markets
ST4 Series Toggle Switch
Specifications subject to change without notice 6.9.2021
• Multiple termination options
• Single or double pole
• Available in both 2 or 3 position circuits
• Multiple Actuator options
Contact Rating: 16(8)A 125/250VAC μT55
20(8)A 125/250VAC μT55
20A 6-30VDC μT55
Electrical Life: 10,000 Cycles
Contact Resistance: 50mΩ Max. inital
Insulation Resistance: 50MΩ Min.
Dielectric Strength: 1500V RMS
Operating Temperature: -10°C to 55°C
Storage Temperature: -10°C to 65°C
Circuit Function: SP or DP
2 or 3 Position
Agency Approvals: cURus
Moisture Protection: IP68
Panel Thickness: 1-8mm
ST4
P1 - OFF - (ON)
P2 - OFF - ON
P3 - ON - ON
P4 - (OFF) - ON
P5 - (ON) - OFF
P6 - (ON) - ON
P7 - ON - (ON)
P8 - ON - OFF - ON
P9 - ON - OFF - (ON)
P10 - (ON) - OFF - (ON)
C1 - 3/16 Quick Connect
C2 - 1/4 Quick Connect
S1 - Solder Lug
S2 - Screw Terminal
Series
Function
Termination
Vending Machines
T1 - 17mm Metal Bat
T2 - 22mm Plastic Bat
Actuator
A - 16(8)A 125/250VAC μT55
B - 20(8)A 125/250VAC μT55
D - 20A 6-30VDC μT55
Rating
No. of Poles
S - Single Pole
D - Double Pole


Similar Part No. - ST4DP1AT2C1

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ST4D257 FAIRVIEW-ST4D257 Datasheet
477Kb / 3P
RF Load 100 Watts High Power To 4 GHz Black Anod­ ized Aluminum Heatsink 7/16 DIN Male
REV 2.0
More results

Similar Description - ST4DP1AT2C1

ManufacturerPart #DatasheetDescription
logo
CW Industries
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
TOGGLE SWITCH
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
TOGGLE SWITCH
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
SWITCH - TOGGLE
31NT91-3 HONEYWELL-31NT91-3 Datasheet
118Kb / 1P
SWITCH - TOGGLE
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
SWITCH - TOGGLE
2TL1-2 HONEYWELL-ACC-2TL1-2 Datasheet
195Kb / 2P
SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
SWITCH - TOGGLE
logo
List of Unclassifed Man...
14TL1-1A ETC2-14TL1-1A Datasheet
128Kb / 1P
SWITCH-TOGGLE
logo
Littelfuse
54100 LITTELFUSE-54100 Datasheet
545Kb / 2P
54100 SERIES TOGGLE SWITCH
2019 Rev:021219
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com