Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOA56 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SOA56
Description  SMALL SIGNAL PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOA56 Datasheet(HTML) 2 Page - STMicroelectronics

  SOA56 Datasheet HTML 1Page - STMicroelectronics SOA56 Datasheet HTML 2Page - STMicroelectronics SOA56 Datasheet HTML 3Page - STMicroelectronics SOA56 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj- amb
• Thermal Resistance Junction-Ambient
Max
350
oC/W
• Mounted on a ceramic substrate area = 15 x 15 x 0.5 mm
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICBO
Collect or Cut-off
Current (IE =0)
VCB = -80 V
-100
nA
ICEO
Collect or Cut-off
Current (IE =0)
VCE = -60 V
-100
nA
V( BR)CEO
∗ Collector-Emitter
Breakdown Volt age
(IB =0)
IC =-1 mA
-80
V
V(BR)EBO
Emitt er-Base
Breakdown Volt age
(IC =0)
IE =-100
µA-4
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =-100 mA
IB =-10 mA
-0.25
V
VBE(on)
∗ Base-Emitter On
Voltage
IC =-100 mA
VCE =-1 V
-1.2
V
hFE
DC Current G ain
IC =-10 mA
VCE =-1 V
IC =-100 mA
VCE =-1 V
50
50
fT
Transit ion F requency
IC =-10 mA VCE = -2 V f = 100 MHz
50
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2%
SOA56
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com