Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4DP1DT2C2 Datasheet(PDF) 3 Page - E-SWITCH

Part # ST4DP1DT2C2
Description  ST4 Series Toggle Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST4DP1DT2C2 Datasheet(HTML) 3 Page - E-SWITCH

  ST4DP1DT2C2 Datasheet HTML 1Page - E-SWITCH ST4DP1DT2C2 Datasheet HTML 2Page - E-SWITCH ST4DP1DT2C2 Datasheet HTML 3Page - E-SWITCH ST4DP1DT2C2 Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.e-switch.com
800.867.2717
3
Recommended Panel Cutouts
ST4 Series Toggle Switch
Actuator Options
SHEET OF
2
3
5/20/2021
OBJECT ID: 100105670 ST4 Catalog Drawing
T1 = 17mm METAL BAT
T2 = 22mm PLASTIC BAT
12.00
[.472 in]
12.00
[.472 in]
1.70
[.067 in]
.80
[.031 in]
17.00
[.669 in]
15/32-32 UNS 2A
THREAD
6.00
[.236 in]
15/32-32 UNS 2A
THREAD
7.15
[.281 in]
7.40
[.291 in]
22.20
[.874 in]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com