Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL4110 Datasheet(PDF) 1 Page - E-SWITCH

Part # TL4110
Description  TL4110 Series Tact Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL4110 Datasheet(HTML) 1 Page - E-SWITCH

  TL4110 Datasheet HTML 1Page - E-SWITCH TL4110 Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.e-switch.com
800.867.2717
1
RoHS
Wearable Electronics
Internet of Things
Handheld Devices
Medical / Dental
Smart Home
Telecommunication
Part Number CoNfigurator
aPPliCatioNs / markets
Features & BeneFits
speciFications
tL4110 series tact switch
Specifications subject to change without notice
• Surface Mount Switch
• Long Cycle Life of 300,000 Cycles
• Extremely Small Surface profile of 2.0mm x 2.8mm
• Switch Mounts along the edge of the PCB for Right
Angle Actuation
• 160 gram force
Contact Rating: 20mA @ 15VDC
Electrical Life: 300,000 gf
Contact Resistance: 500mΩ Max
Insulation Resistance: 50MΩ Min @ 100VDC
Dielectric Strength: 250VAC for 1 Minute
Operating Temperature: -40°C to 85°C
Storage Temperature: -40°C to 85°C
Travel: 0.13mm
Contact Arrangement: SPST
Actuation Force: 160gf
TL4110
A - 0.65mm
F160 - 160 gf
Series
Actuation Force
Q - Silver
Contact
Material
Actuator


Similar Part No. - TL4110

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL4115 E-SWITCH-TL4115 Datasheet
1Mb / 4P
TL4115 Series Tact Switch
4.30.2021
TL4115AF160Q E-SWITCH-TL4115AF160Q Datasheet
1Mb / 4P
TL4115 Series Tact Switch
4.30.2021
TL4115AF160Q. E-SWITCH-TL4115AF160Q. Datasheet
1Mb / 4P
TL4115 Series Tact Switch
4.30.2021
TL4115AF220Q E-SWITCH-TL4115AF220Q Datasheet
1Mb / 4P
TL4115 Series Tact Switch
4.30.2021
More results

Similar Description - TL4110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS6601H ETC1-TS6601H Datasheet
261Kb / 7P
Tact Switch Series (6x6mm)
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
TACT SWITCH
logo
Suntan Capacitors
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
TACT SWITCH
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
TACT SWITCH
logo
E-SWITCH
TL1016 E-SWITCH-TL1016 Datasheet
1Mb / 7P
TL1016 Series Tact Switch
5.4.2022
TL6400 E-SWITCH-TL6400 Datasheet
1Mb / 4P
TL6400 Series Tact Switch
4.15.2022
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
Tact Switch
logo
E-SWITCH
TL6800 E-SWITCH-TL6800 Datasheet
1Mb / 4P
Tact Switch
TL3275 E-SWITCH-TL3275 Datasheet
1Mb / 4P
TL3275 Series Tact Switch
TL1017 E-SWITCH-TL1017 Datasheet
1Mb / 7P
TL1017 Series Tact Switch
3.15.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com