Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL4115AF160Q. Datasheet(PDF) 2 Page - E-SWITCH

Part # TL4115AF160Q.
Description  TL4115 Series Tact Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL4115AF160Q. Datasheet(HTML) 2 Page - E-SWITCH

  TL4115AF160Q. Datasheet HTML 1Page - E-SWITCH TL4115AF160Q. Datasheet HTML 2Page - E-SWITCH TL4115AF160Q. Datasheet HTML 3Page - E-SWITCH TL4115AF160Q. Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-switch.com
800.867.2717
2
TL4115 Series Tact Switch
Body Dimensions
SHEET OF
1
2
3/24/2021
TL4115 Catalog Drawing
1
2
1
2
.50
[.020 in]
2.60.10
.102.004 in
[
]
2.20
[.087 in]
2.10
[.083 in]
3.50
[.138 in]
.60
[.024 in]
3.20
[.126 in]
4.50
[.177 in]
1.80
[.071 in]
2.10
[.083 in]
2.20
[.087 in]
.40
[.016 in]
CIRCUIT: SPST
1
2
5.4.05
.213.002 in
[
]
3.9.05
.154.002 in
[
]
3.40 MIN
[.134 in]
2.1.05
.083.002 in
[
]
.25.05
.010.002 in
[
]
2.4.05
.094.002 in
[
]
1.0.05
.039.002 in
[
]
R.30 MAX
[R.012 in]
2.6.05
.102.002 in
[
]
2.0.05
.079.002 in
[
]
1.75
[.069 in]
PWB BASE PLATE
.60 MIN
[.024 in]
MOUNT POSITION
WITHIN 0.15mm
FROM PWB EDGE
.80
[.031 in]
1.70
[.067 in]
1.10
[.043 in]
Schematic
Recommended PCB Layout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com