Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL6800AF260QJ. Datasheet(PDF) 4 Page - E-SWITCH

Part # TL6800AF260QJ.
Description  TL6800 Series Tact Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL6800AF260QJ. Datasheet(HTML) 4 Page - E-SWITCH

  TL6800AF260QJ. Datasheet HTML 1Page - E-SWITCH TL6800AF260QJ. Datasheet HTML 2Page - E-SWITCH TL6800AF260QJ. Datasheet HTML 3Page - E-SWITCH TL6800AF260QJ. Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.e-switch.com
800.867.2717
4
TL6800 Series Tact Switch
Recommended
Solder Process
Most contamination problems can be prevented by exercising care during the cleaning
and soldering process. Care should be taken not to immerse or spray unsealed switches during
flux removal. Contact E-Switch for specific soldering recommendations and specifications not
shown. Generalized soldering procedures are outlined below.
“TYPICAL” SMT REFLOW (Pb and Pb-Free)
Profile Feature
Sn-Pb Eutectic Assembly Pb-Free Assembly
Average Ramp-Up Rate
(Tsmax to Tp)
3 °C/second max.
3 °C/second max.
Preheat
-Temperature Min (Tsmin)
-Temperature Max (Tsmax)
-Time (tsmin to tsmax)
100 °C
150 °C
60-120 seconds
150 °C
200 °C
60-180 seconds
Time Maintained above:
-Temperature (TL)
-Time (tL)
183 °C
60-150 seconds
217 °C
60-150 seconds
Time within 5 °C of actual
Peak Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-Down Rate
6 °C/second max.
6 °C/second max.
Time 25 °C to Peak
Temperature
6 minutes max.
8 minutes max.
Note 1: All temperatures refer to topside of the package, measured on the package surface.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com