Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG59/62 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # RG59/62
Description  Coaxial Plastic Bend Protector for RG59/62, Pkg/10 Black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

RG59/62 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  RG59/62 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Coaxial Plastic Bend Protector for RG59/62, Pkg/10 Black
Item # BIF-P0-59/62
Description
This slip on molded strain relief boot is designed to be used on RG59 or RG62 style coaxial
cable. The molded construction provides support to prevent cable damage during flexure. Black
color allows for color coding when used in conjunction with other available colors.
Features
Black is one of five colors offered
Molded construction helps prevent cable damage due to flexure
Sold in packages of 10
Strain relief for RG59 and RG62 style coaxial cable connectors
Application
Coax cable repair
Coax cable construction


Similar Part No. - RG59/62

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
RG59/U-S-CCA-BK STRUCTURED-CABLE-RG59/U-S-CCA-BK Datasheet
519Kb / 1P
CCTV CABLE, RG59/U 20AWG BC
04/2013
RG59/U-S-CCA-BK-5 STRUCTURED-CABLE-RG59/U-S-CCA-BK-5 Datasheet
545Kb / 1P
CCTV CABLE, RG59/U 20AWG BC
04/2013
RG59/U-S-DB STRUCTURED-CABLE-RG59/U-S-DB Datasheet
579Kb / 1P
RG59/U SIAMESE DIRECT BURIAL 20 AWG BC
07/23/2019
RG59/U-S-DB-500 STRUCTURED-CABLE-RG59/U-S-DB-500 Datasheet
561Kb / 1P
RG59/U SIAMESE DIRECT BURIAL 20 AWG BC
07/23/2013
RG59/U95-S-BK-5 STRUCTURED-CABLE-RG59/U95-S-BK-5 Datasheet
542Kb / 1P
RG59/U SIAMESE 20 AWG BC 95% BC BRAID
05/2013
More results

Similar Description - RG59/62

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX12 ETC-CX12 Datasheet
104Kb / 2P
COAXIAL PROTECTOR
logo
Bourns Electronic Solut...
1740 BOURNS-1740 Datasheet
176Kb / 2P
Coaxial Surge Protector
logo
Protek Devices
CX12 PROTEC-CX12 Datasheet
76Kb / 3P
COAXIAL PROTECTOR
logo
Pomona Electronics
73057 POMONA-73057 Datasheet
142Kb / 2P
TNC Plug, 50 Ohm, Crimp Type, RG59, 62
logo
Protek Devices
CX12 PROTEC-CX12_11 Datasheet
417Kb / 6P
coaxial protector
logo
Pasternack Enterprises,...
PE-B159-BL PASTERNACK-PE-B159-BL Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-GR PASTERNACK-PE-B159-GR Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-RD PASTERNACK-PE-B159-RD Datasheet
104Kb / 1P
MIN-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-WH PASTERNACK-PE-B159-WH Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
logo
Bourns Electronic Solut...
1740-15 BOURNS-1740-15 Datasheet
182Kb / 2P
Coaxial Surge Protector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com