Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOACAMPC1NH Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FOACAMPC1NH
Description  Fiber Optic Sensor Amplifier - Single output NPN with light compensation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

FOACAMPC1NH Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FOACAMPC1NH Datasheet HTML 1Page - Infinite Electronics International, Inc. FOACAMPC1NH Datasheet HTML 2Page - Infinite Electronics International, Inc. FOACAMPC1NH Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
FOACAMPC1NH REV 1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Fiber Optic Sensor Amplifier - Single output NPN with light compensation
FOACAMPC1NH
Fiber Optic Sensor Amplifier
Circuit Diagram
NPN
s:
fl'
Sl)
•
-·
-
�
0
-·
ro-.
C
-·
r-+
Pro ec ion
Protaciio:n
J
I
I
I
I
r
0
0
p)
Q..
Q.
_.
..
Brov,n
G)
12-24V DC
Black@ Switch 01u1tput 1
Gre:t � Switch 01utput 2*
Whit1
e@
Blue,
(3)
External i1n1put
ov
*This part is single output only
Environmental Specifications
Temperature
Operating Range
-25 to +55 deg C
Storage Range
-30 to +70 deg C
Humidity
Operating Relative
35% to 85%
Compliance Certifications (see for current document)
CE Compliance
Yes
RoHS Compliance
Yes
Fiber Optic Sensor Amplifier - Single output NPN with light compensation from L-com has same day shipment for domestic and
International orders. Our portfolio includes coaxial cable assemblies, connectors, adapters and custom products as well as lightning and
surge protectors, NEMA rated enclosures, and an RF product line which includes antennas, amplifiers, passive, and active components.
For more information, see user manual: https://www.l-com.com/Images/Downloadables/Manuals/M_FOACAMPC1NH.pdf
The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary
to make modifications to the part and/or the documentation of the part in order to impliment improvements. L-com reserves the right to make such changes
as required. Unless otherwise stated, all specifications are nominal. L-com does not make any representation or warranty regarding the suitability of the part
described herein for any particular purpose, and L-com does not assume liability arising out of the use of any part or document.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com