Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75965. Datasheet(PDF) 8 Page - Wiha Tools

Part # 75965.
Description  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

75965. Datasheet(HTML) 8 Page - Wiha Tools

Back Button 75965. Datasheet HTML 4Page - Wiha Tools 75965. Datasheet HTML 5Page - Wiha Tools 75965. Datasheet HTML 6Page - Wiha Tools 75965. Datasheet HTML 7Page - Wiha Tools 75965. Datasheet HTML 8Page - Wiha Tools 75965. Datasheet HTML 9Page - Wiha Tools 75965. Datasheet HTML 10Page - Wiha Tools 75965. Datasheet HTML 11Page - Wiha Tools 75965. Datasheet HTML 12Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
SoftFinish® CushionGrip
Stubby Bit Holder with Wiha cushion grip
handle and CVM tool steel shaft.
Set includes the following 1/4” bits:
lbs.
: T8, T10, T15,
.20
T20, T25, T30
8
BitFlip Standard
BitFlip Standard with Wiha
cushion grip handle & CVM tool steel shaft.
Set includes the following 1/4” bits:
lbs.
: T8, T10, T15, T20,
.44
T25, T27, T30, T40
Topra Ratchet Bit Set, 12 Pc.
Set Includes Topra Handle, Magnetic Bit
Holder & The Following Bits:
lbs. .65
: T7, T8, T9, T10, T15,
T20, T25, T27, T30, T40
XSelector Bit Set With
Bits
Set Includes Quick Release Holder
& the following 10 bits:
lbs.
: T7, T8, T9, T10, T15,
.29
T20, T25, T27, T30, T40
Multi-Bit Screwdriver
with Wiha Powerhandle.
lbs. .40
Includes the following 1/4” bits:
:
T5, T6, T7, T8, T9, T10
Multi-Bit Screwdriver
with Wiha Powerhandle.
lbs. .40
Includes the following 1/4” bits:
:
T8, T9, T10, T15, T20, T25
Multi-Bit Screwdriver
with Wiha Powerhandle.
lbs. .40
Includes the following 1/4” bits:
:
T10, T15, T20, T25, T30, T40
Bit-Selector With
Bits
Includes Auto Lock Magnetic 1/4” Bit Holder
& The Following 10 Insert Bits:
lbs.
: T7, T8, T9, T10,
.34
T15, T20, T25, T27, T30, T40
Bit-Selector With
Bits
Includes Universal Magnetic 1/4” Bit Holder
& The Following 10 Insert Bits:
lbs.
: T5, T6, T7, T8, T9,
.32
T10, T15, T20, T25, T30
PokitPak -
Insert Bits In
Molded Case - Includes 6 - 1/4” Insert Bits
& Magnetic Bit Holder
lbs. .16
:
T8, T10, T15, T20, T25, T30
Power Bit Belt Pack With
Bits
Includes the following 10 bits:
lbs. .28
: T6, T7, T8, T9,
T10, T15, T20, T25, T27, T30
Wiha
Insert Bit & Power Bit Sets
38028
79242
79245
79445
71195
74985
28295
38045
38008
38004
38003
Pop-Up Bit Screwdriver Set
with Wiha SoftFinish handle, multi-component
.
Compact storage for 12 bits in the handle.
Set includes the following 1/4” bits:
lbs.
: T5, T6, T7, T8, T9, T10,
.42
T15, T20, T25, T27, T30, T40
38044
Bit holder stainless
steel, magnetic
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com