Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOACAMPDC42TZ Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FOACAMPDC42TZ
Description  Fiber Optic Sensor Cable - 2M, Thru-beam, M4, right angle, R5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

FOACAMPDC42TZ Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FOACAMPDC42TZ Datasheet HTML 1Page - Infinite Electronics International, Inc. FOACAMPDC42TZ Datasheet HTML 2Page - Infinite Electronics International, Inc. FOACAMPDC42TZ Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
FOACAMPDC42TZ REV 1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Fiber Optic Sensor Cable - 2M, Thru-beam, M4, right angle, R5
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
Fiber Optic Sensor Cable - 2M, Thru-beam, M4, right angle, R5 FOACAMPDC42TZ
Features
• Durable stainless steel head
• Flexible jacket
• Standard 2.2mm diameter ferrules
• Stable performance
Applications
• Industrial automation
• Discrete manufacturing
• High volume production
• Automotive manufacturing
• Stamping and plastic injection molding
• Packaging
• Food and Beverage
• Warehouse automation
Description
The L-com FOACAMPDC42TZ is a thru-beam type fiber optic sensor cable. A stainless steel head and flexible PVC jacket makes the cable
well suited for demaning industrial environments. The 2.2mm fiber ends make them compatible with industry standard amplifier ports,
making interchanging quick and easy. Used in conjunction with L-com fiber optic sensor amplifiers, the resulting optical sensor is well
suited for use in manufacturing and other industrial applications where fast, accurate sensing is critical. The L-com FOACAMPDC42TZ
is part of the IoT portfolio of products available from L-com, in-stock and ready to ship. Contact our knowledgeable technical support and
sales staff for more information on this, and other IoT products from L-com.
General Specifications
Design Type
Thru-beam (Coaxial Core)
Cable Type
POF
Jacket Type
PVC Black
Nominal Sensing Distance
40 mm
Cable Length
2 m
Cable Head Orientation
Right Angle
Cable Head Size
M4
Cable Head Material
Stainless Steel
Bend Radius
5 mm
Compatible Products
Fiber Optic Sensor Amplifiers
Environmental Specifications
Temperature
Operating Range
-25 to +70 deg C
Storage Range
-30 to +85 deg C
Compliance Certifications (see for current document)
CE Compliance
Yes
RoHS Compliance
Yes
FOACAMPDC42TZ
Fiber Optic Sensor Cable


Similar Part No. - FOACAMPDC42TZ

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FOACAMPDE32 L-COM-FOACAMPDE32 Datasheet
532Kb / 3P
Fiber Optic Sensor Cable - 2M, Diffuse reflection, M3, straight, R10
FOACAMPDR46 L-COM-FOACAMPDR46 Datasheet
471Kb / 3P
Fiber Optic Sensor Cable - 1M, Diffuse reflection, D=1.5, straight, R10
FOACAMPDR62 L-COM-FOACAMPDR62 Datasheet
436Kb / 3P
Fiber Optic Sensor Cable - 2M, Diffuse reflection, M6, straight, R25
More results

Similar Description - FOACAMPDC42TZ

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBE10M-18GM60-SE5 PF-OBE10M-18GM60-SE5 Datasheet
218Kb / 3P
Thru-beam sensor
OBE20M-R101-S2EP-IO-IR PF-OBE20M-R101-S2EP-IO-IR Datasheet
454Kb / 4P
Thru-beam sensor
OBE2000-R2-SE0 PF-OBE2000-R2-SE0 Datasheet
792Kb / 5P
Thru-beam sensor
OBE2000-R3-SE0 PF-OBE2000-R3-SE0 Datasheet
783Kb / 5P
Thru-beam sensor
OBE10M-18GM60-SE5-V1 PF-OBE10M-18GM60-SE5-V1 Datasheet
252Kb / 3P
Thru-beam sensor
OBE12M-R100-SEP-IO-V3 PF-OBE12M-R100-SEP-IO-V3 Datasheet
481Kb / 5P
Thru-beam sensor
OBE25M-R200-SEP-IO-V3 PF-OBE25M-R200-SEP-IO-V3 Datasheet
466Kb / 5P
Thru-beam sensor
OBE25M-R201-S2EP-IO-V31 PF-OBE25M-R201-S2EP-IO-V31 Datasheet
456Kb / 5P
Thru-beam sensor
OBE25M-R201-SEP-IO-V3 PF-OBE25M-R201-SEP-IO-V3 Datasheet
467Kb / 5P
Thru-beam sensor
OBE2000-R3-SE1-Y302635 PF-OBE2000-R3-SE1-Y302635 Datasheet
400Kb / 3P
Thru-beam sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com