Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP30 Datasheet(PDF) 1 Page - FRIWO Geratebau GmbH

Part # MPP30
Description  Switchmode Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRIWO [FRIWO Geratebau GmbH]
Direct Link  https://www.friwo.com/en/
Logo FRIWO - FRIWO Geratebau GmbH

MPP30 Datasheet(HTML) 1 Page - FRIWO Geratebau GmbH

  MPP30 Datasheet HTML 1Page - FRIWO Geratebau GmbH MPP30 Datasheet HTML 2Page - FRIWO Geratebau GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPP 6 FW 7650
MPP 15 FW 7555
MPP 30 FW 7530
Technical data
Input voltage
100 to 240 V AC (
± 10%)
Input current
150 mA (MPP 6),
400 mA (MPP 15),
700 mA (MPP 30)
Frequency
50 to 60 Hz
Efficiency
80 % typ. at full load, resp. 75 % (MPP 6)
EMC
Conforms to
EN 55011, EN 55022 / B,
FCC 47 part 15, EN 61000-3-2,
EN 61000-4-2, EN 61000-4-3,
EN 61000-4-4, EN 61000-4-5,
EN 61000-4-6, EN 61000-4-11
Output voltage tolerance
± 5%
Environmental specification
Operating temperature
0 to 40° C at maximum load
Storage temperature
- 40 to 70° C
Humidity
5 % to 95 % non condensing
Input transient susceptibility Complies with IEC 61000 requirements
Safety specification
Standards
Fulfils Class II SELV for the following
applications: EN 60950 / IEC 60950, UL 60950,
CSA 950 (cUL), VDE, CE label
Reliability specification
MTBF calculation
200,000 hours at maximum load
and an ambient temperature of 25° C
(in accordance with MIL-HDBK-217)
Mechanical specification
Weight approx.
100 g (MPP 6), 160 g (MPP 15), 255 g (MPP 30)
Plug connector
AC input:
FRIWO exchangeable mains plug system:
EURO, UK, USA / Japan, Australia, IEC
DC output:
Universal output plug system (page 30)
For primary adapters see page 30
Applications
■
■
Weighing technology
■
■
WLAN modems
■
■
Bluetooth
■
■
Communication accessories
■
■
Measurement technology
■
■
LED applications
■
■
Laser technology
■
■
IT accessories
■
■
Safety technology
Characteristics
■
■
Universal input 100 to 240 V AC
■
■
Constant voltage, current limited
■
■
Exchangeable primary adapters
■
■
Low standby power
≤ 0.3 Watts
■
■
Continuously short circuit proof
■
■
High efficiency
Switchmode Power Supplies
MPP Series
with exchangeable primary adapters
All products conform to IEC 60950
10


Similar Part No. - MPP30

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPP DBLECTRO-MPP Datasheet
153Kb / 2P
Metallized Polyester Film Capacitor (Coating)
logo
Ferroxcube Internationa...
MPP FERROXCUBE-MPP Datasheet
62Kb / 4P
Material specification
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
High Ripple Current ??Low ESR ??High Reliability
logo
RFE international
MPP RFE-MPP Datasheet
1Mb / 3P
Metalized Polypropylene Film Capacitors MPP Series: Radial Dipped
SEP-27-2023
logo
PowerData Technologies ...
MPP 2/0 POWERDATATECHNOLOGIES-MPP 2/0 Datasheet
172Kb / 1P
Modular under desk power & data products
More results

Similar Description - MPP30

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
NCP4326 ONSEMI-NCP4326 Datasheet
424Kb / 30P
Secondary Controller for Multi?뭀utput Quasi?뭃esonant Switchmode Power Supplies
September, 2005 ??Rev. 1
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
SWITCHMODE Power Rectifiers
logo
ON Semiconductor
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
SWITCHMODE Power Rectifiers
logo
Texas Instruments
SLVA061 TI1-SLVA061 Datasheet
149Kb / 32P
Understanding Boost Power Stages in Switchmode Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com